Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GC2011A Datasheet(PDF) 4 Page - Texas Instruments

Part # GC2011A
Description  3.3V DIGITAL FILTER CHIP
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

GC2011A Datasheet(HTML) 4 Page - Texas Instruments

  GC2011A Datasheet HTML 1Page - Texas Instruments GC2011A Datasheet HTML 2Page - Texas Instruments GC2011A Datasheet HTML 3Page - Texas Instruments GC2011A Datasheet HTML 4Page - Texas Instruments GC2011A Datasheet HTML 5Page - Texas Instruments GC2011A Datasheet HTML 6Page - Texas Instruments GC2011A Datasheet HTML 7Page - Texas Instruments GC2011A Datasheet HTML 8Page - Texas Instruments GC2011A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 50 page
background image
Texas Instrument Incorporated
-iv -
GC2011A 3.3V DIGITAL FILTER CHIP
SLWS129A
This document contains information which may be changed at any time without notice
LIST OF FIGURES
Figure 1:
GC2011a Block Diagram ............................................................................................................... 1
Figure 2:
Basic Transversal Filters ................................................................................................................ 5
Figure 3:
Control I/O Timing .......................................................................................................................... 7
Figure 4:
16 Cell Filter Path Block Diagram .................................................................................................. 8
Figure 5:
The Filter Cell ................................................................................................................................. 9
Figure 6:
I/O Timing ..................................................................................................................................... 13
Figure 7:
Input Timing ................................................................................................................................. 28
Figure 8:
Output Timing ............................................................................................................................... 28
Figure 9:
Processing Complex Input Data ................................................................................................... 40
LIST OF TABLES
Table 1:
Default Control Register Settings ................................................................................................. 13
Table 2:
Full Rate Mode Control Register Settings .................................................................................... 14
Table 3:
Half Rate Mode Control Register Settings ................................................................................... 15
Table 4:
Quarter Rate Mode Control Register Settings ............................................................................. 16
Table 5:
Double Rate Mode Control Register Settings .............................................................................. 16
Table 6:
Decimation Mode Control Register Settings ................................................................................ 17
Table 7:
Interpolation Mode Control Register Settings .............................................................................. 18
Table 8:
Hilbert Transform Mode Control Register Settings ...................................................................... 19
Table 9:
Real To Complex Conversion Mode Control Register Settings ................................................... 20
Table 10:
Complex To Real Conversion Mode Control Register Settings ................................................... 21
Table 11:
Diagnostic Test Configuration ...................................................................................................... 22
Table 12:
Expected Test Results ................................................................................................................. 22
Table 13:
Pin Listing For 160 Pin QFP Package .......................................................................................... 24
Table 14:
Pin Listing For 160 Pin BGA Package
Table 15:
Mask Revisions ............................................................................................................................ 35
Table 16:
Absolute Maximum Ratings ......................................................................................................... 36
Table 17:
Recommended Operating Conditions .......................................................................................... 36
Table 18:
Thermal Data ............................................................................................................................... 36
Table 19:
DC Operating Conditions ............................................................................................................. 37
Table 20:
AC Characteristics ........................................................................................................................ 38



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com