Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GC2011A Datasheet(PDF) 8 Page - Texas Instruments

Part # GC2011A
Description  3.3V DIGITAL FILTER CHIP
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

GC2011A Datasheet(HTML) 8 Page - Texas Instruments

Back Button GC2011A Datasheet HTML 4Page - Texas Instruments GC2011A Datasheet HTML 5Page - Texas Instruments GC2011A Datasheet HTML 6Page - Texas Instruments GC2011A Datasheet HTML 7Page - Texas Instruments GC2011A Datasheet HTML 8Page - Texas Instruments GC2011A Datasheet HTML 9Page - Texas Instruments GC2011A Datasheet HTML 10Page - Texas Instruments GC2011A Datasheet HTML 11Page - Texas Instruments GC2011A Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 50 page
background image
Texas Instruments Incorporated
- 4 -
GC2011A 3.3V DIGITAL FILTER CHIP
SLWS129A
This document contains information which may be changed at any time without notice
2.0
FUNCTIONAL DESCRIPTION
Fabricated in 0.5 micron CMOS technology, the GC2011A chip is a general purpose digital filter chip with 32
multiply-add filter cells. The chip operates at rates up to 106 MHz. The input data size is 12 bits and the coefficient data
size is 14 bits. The output data size is 8, 10, 12, 14, 16, 20 or 24 bits. The 32 multiply-add cells can be arranged as a
32 tap arbitrary phase filter or a 64 tap linear phase filter with even or odd symmetry.
Decimation and interpolation modes double or quadruple the number of taps in the filter.
Two input ports allow the 32 filter cells to be shared between two data paths in order to process two signals or
to process complex data. Each path becomes a 16 tap arbitrary phase filter, a 32 tap symmetric filter, a 64 tap decimate
by 2 filter or a 128 tap decimate by 4 filter.
Coefficient double buffering and clock synchronization logic permits the user to switch between coefficient sets
without causing any undesirable transients in the filter’s operation.
Complex coefficients can be handled using an add/subtract cell which combines the two data paths. A complex
data by complex coefficient filter requires two chips, one for the I output and one for the Q output. The number of
complex taps varies from 16 to 128 depending upon the symmetry and desired I/O rate.
The input data rate can be equal to the clock rate, half the clock rate or a quarter of the clock rate. The effective
number of taps doubles for half rate data and quadruples for quarter rate data. The input data rate can be extended to
212 MHz if two chips are used. With two chips the filter size is 32 taps arbitrary phase or 64 taps linear phase. If
decimation by two is desired, then only one chip is required and the filter size is 64 taps.
A single chip can be used to convert data between real and complex formats. When converting from real to
complex the chip mixes the signal down by FS/4 and lowpass filters the results. To convert from complex to real the chip
interpolates the signal by two, mixes it up by FS/4 and outputs the real part of the result.
The two 12 bit data paths can be used to process 24 bit input data by filtering the upper 12 bits in one path and
the lower 12 bits in the other. A 12 bit shift and add circuit merges the results into a 24 bit output.
The chip includes a snapshot memory which can capture blocks of input or output data. The size of the
snapshot can be programmed to be two 128 sample by 16 bit snapshots, two 256 sample by 8 bit snapshots, one 256
sample by 16 bit snapshot, or one 512 sample by 8 bit snapshot. These samples can be read by an external processor
and used for adaptive updates of the filter coefficients.
The internal data precision is 32 bits, sufficient to preserve the full multiplier products and to prevent overflow
in the filter’s adder tree. The 32 bit results are passed through a gain circuit before they are rounded to 8, 10, 12, 14, or
16 bits. The gain circuit can adjust the signal’s amplitude over a 96 dB range in 0.5 dB steps.
On chip diagnostic circuits are provided to simplify system debug and maintenance.
The chip receives configuration and control information over a microprocessor compatible bus consisting of a
16 bit data I/O port, a 9 bit address port, a read/write bit, and a control select strobe. The control registers, coefficient
registers, and snapshot memory are memory mapped into the 512 word address space of the control port.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com