Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GC2011A Datasheet(PDF) 22 Page - Texas Instruments

Part # GC2011A
Description  3.3V DIGITAL FILTER CHIP
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

GC2011A Datasheet(HTML) 22 Page - Texas Instruments

Back Button GC2011A Datasheet HTML 18Page - Texas Instruments GC2011A Datasheet HTML 19Page - Texas Instruments GC2011A Datasheet HTML 20Page - Texas Instruments GC2011A Datasheet HTML 21Page - Texas Instruments GC2011A Datasheet HTML 22Page - Texas Instruments GC2011A Datasheet HTML 23Page - Texas Instruments GC2011A Datasheet HTML 24Page - Texas Instruments GC2011A Datasheet HTML 25Page - Texas Instruments GC2011A Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 50 page
background image
Texas Instruments Incorporated
- 18 -
GC2011A 3.3V DIGITAL FILTER CHIP
SLWS129A
This document contains information which may be changed at any time without notice
3.6
INTERPOLATION
Another common filtering application is to increase the signal’s sample rate through interpolation. Interpolation
is performed by inserting zeros between input samples so as to double or quadruple the sample rate, and then to low
pass filter the result. In the interpolation modes the GC2011A chip automatically zero pads the input as it low pass filters
the result. The interpolation modes double or quadruple the number of taps implemented by each filter cell. The input
sample rate is one half or one fourth the clock rate as shown in Figure 6. The output rate is at the clock rate.
In the interpolate by 4 (quarter rate in, full rate out) mode the coefficient storage is reversed within each filter
cell. The interpolate by 4 coefficients, h(k), are stored in:
memory address BASE+k+0 if k modulo-4 is 0
memory address BASE+k+2 if k modulo-4 is 1
memory address BASE+k+0 if k modulo-4 is 2
memory address BASE+k-2 if k modulo-4 is 3
where BASE is 128 for A-path or cascaded filters and is 192 for B-path filters. For example,
Coefficient Memory address
h(0)
128+0
h(1)
128+3
h(2)
128+2
h(3)
128+1
h(4)
128+4
h(5)
128+7
h(6)
128+6
h(7)
128+5
h(8)
128+8
h(9)
128+11
etc.
Table 7: Interpolation Mode Control Register Settings
I/O Rates
Symmetr
y
Dual Path or
Cascaded
# of Taps
(N)
A-PATH
B-PATH
Cascade
Latency
Tap
Storagea
a. HR = Use half rate coefficient storage as described in Section 3.2. DF = Use double to full rate storage in Section 3.8.
In
Out
REG0 REG1 REG0 REG1
REG
Full
Double
Odd
Dual
63
20D8
6108
20D8
6181
2000
44
DF
Half
Full
None
Dual
32
6388
2E00
4388
2E00
2000
46
HR
Cascaded
64
6388
2E28
4388
2E00
5E00
62
Odd
Dual
63
6388
2E91
4388
2E91
2000
46
Cascaded
127
6388
2EA8
4388
2E91
5E00
62
Quar-
ter
Full
None
Dual
64
A200
0000
8200
0000
2000
46
See
Text
Cascaded
128
A200
0028
9200
0000
5E00
62



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com