Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GC2011A Datasheet(PDF) 11 Page - Texas Instruments

Part # GC2011A
Description  3.3V DIGITAL FILTER CHIP
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

GC2011A Datasheet(HTML) 11 Page - Texas Instruments

Back Button GC2011A Datasheet HTML 7Page - Texas Instruments GC2011A Datasheet HTML 8Page - Texas Instruments GC2011A Datasheet HTML 9Page - Texas Instruments GC2011A Datasheet HTML 10Page - Texas Instruments GC2011A Datasheet HTML 11Page - Texas Instruments GC2011A Datasheet HTML 12Page - Texas Instruments GC2011A Datasheet HTML 13Page - Texas Instruments GC2011A Datasheet HTML 14Page - Texas Instruments GC2011A Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 50 page
background image
Texas Instruments Incorporated
- 7 -
GC2011A 3.3V DIGITAL FILTER CHIP
SLWS129A
This document contains information which may be changed at any time without notice
Figure 3. Control I/O Timing
The setup, hold and pulse width requirements for control read or write operations are given in Section 7.
IMPORTANT: Care should be taken to insure that the control data is stable during the write cycle and meets
the TCSU and TCHD setup and hold requirements. If the data changes during the write cycle, then control modes may
momentarily change, adversely effecting the chip’s operation.
2.3
COUNTER AND SYNCHRONIZATION CIRCUIT
The chip contains a 20 bit control counter which is used to synchronize the filter chip’s internal controls. The
counter is synchronized to the SI sync input pulse, or can be left to free run (see the SS_OFF control bit description in
Section 6.8). The period of the counter can be set to 16*(CNT+1) clocks, where CNT ranges from 0 to 65535. The value
of CNT is set using the control register COUNTER_REG. The counter counts down from (16*CNT+15) to zero and starts
over again. Each time the counter reaches zero it generates a terminal count strobe (TC). The TC pulse can be output
on the SO pin or it can be used to trigger the snapshot memory. If the TC pulse is output on the SO pin, then it can be
used to synchronize multiple GC2011A chips. Application notes showing the use of this pin are included in Section 8.5.
The least significant 3 bits of the counter are used to synchronize the internal operation of the chip. The least
significant 12 bits of the counter can be used as diagnostic inputs to the filter paths.
The SO sync output pin can be used to output either SI delayed by 4 clock cycles, the one-shot pulse OS, or
the terminal count TC.
CE
WE
RE
C[0:15]
A[0:8]
tCSU
tCDLY
tCSU
tCZ
READ CYCLE- NORMAL MODE
CE
WE
RE
C[0:15]
A[0:8]
tCSU
tCSPW
tCSU
tCHD
WRITE CYCLE- NORMAL MODE
WE
CE
C[0:15]
A[0:8]
tCDLY
tCSU
tCZ
tCHD
tCHD
CE
WE
C[0:15]
A[0:8]
tCSPW
tCSU
tCHD
READ CYCLE- RE HELD LOW
WRITE CYCLE- RE HELD LOW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com