Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GC2011A Datasheet(PDF) 12 Page - Texas Instruments

Part # GC2011A
Description  3.3V DIGITAL FILTER CHIP
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

GC2011A Datasheet(HTML) 12 Page - Texas Instruments

Back Button GC2011A Datasheet HTML 8Page - Texas Instruments GC2011A Datasheet HTML 9Page - Texas Instruments GC2011A Datasheet HTML 10Page - Texas Instruments GC2011A Datasheet HTML 11Page - Texas Instruments GC2011A Datasheet HTML 12Page - Texas Instruments GC2011A Datasheet HTML 13Page - Texas Instruments GC2011A Datasheet HTML 14Page - Texas Instruments GC2011A Datasheet HTML 15Page - Texas Instruments GC2011A Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 50 page
background image
Texas Instruments Incorporated
- 8 -
GC2011A 3.3V DIGITAL FILTER CHIP
SLWS129A
This document contains information which may be changed at any time without notice
2.4
INPUT MUX
The input multiplexor circuit performs three functions: It allows the user to select which data source to use as
the input to the two filter paths, it sets the input data rate, and it optionally delays the data. The controls for the input
selection, the input rate, and the data delay are independent for the A and B filter paths.
The input circuit allows the user to select either the A-input, the B-input or the 12 LSBs of the counter for the
filter path’s input. Typically the A-input will feed the A-path and the B-input will feed the B-path. The counter input is
selected for diagnostics.
If the input rate is less than the clock rate, as is the case for the interpolation modes, the half rate I/O modes
and the quarter rate I/O modes, then the input circuit can be programmed to hold every-other or every-fourth input
sample.
The input delay can be set to 0, 1 or 3 clock cycles. These delays are typically set to zero, but are necessary
in the real to complex and complex to real conversion modes.
The control and timing information for the input circuit are described in Section 6.1.
2.5
INPUT NEGATION
The data from the input circuit can be optionally negated by the input negate circuit. The input negation circuit
allows the user to negate all samples, the even time samples (i.e., every other input), or the odd time samples. This
circuit is used to mix the input data down by FS/4 in the real to complex conversion mode.
The input negation controls are described in Section 6.1.
2.6
A/B FILTER PATHS
A block diagram of the 16 cell filter path is shown in Figure 4.
Figure 4. 16 Cell Filter Path Block Diagram
Only the data paths through the filter cells are shown. The coefficient interfaces are not shown. Each filter path
contains 16 filter cells and a data feedback circuit. The filter cell contains a multiplier-adder structure described in the
next section. The feedback circuit delays and feeds back the data output to provide the reverse data used in the
Rev
Out
Data
In
C-Sel
In
Sum
In
Rev
In
Data
Out
C-Sel
Out
Sum
Out
FILTER CELL #1
Delay Controls
32 Bits
2 Bits
12 Bits
12 Bits
Rev
Out
Data
In
C-sel
In
Sum
In
Rev
In
Data
Out
C-Sel
Out
Sum
Out
Delay Controls
Rev
Out
Data
In
C-Sel
In
Sum
In
Rev
In
Data
Out
C-Sel
Out
Sum
Out
Delay Controls
•••
Feedbackb
Out
Data
In
C-Sel
In
Sumb
In
Feedbacka
In
Dataa
Out
Sum
Out
FEEDBACK
CIRCUIT
Feedback Controls
FILTER CELL #2
FILTER CELL #16
Cascade Mode
KEY: a = These signals are unique to the A-Path circuit
b = These signals are unique to the B-Path circuit
32 Bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com