Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2597 Datasheet(PDF) 28 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM2597
Description  SIMPLE SWITCHER Power Converter 150 kHz 0.5A Step-Down Voltage Regulator, with Features
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2597 Datasheet(HTML) 28 Page - National Semiconductor (TI)

Back Button LM2597 Datasheet HTML 24Page - National Semiconductor (TI) LM2597 Datasheet HTML 25Page - National Semiconductor (TI) LM2597 Datasheet HTML 26Page - National Semiconductor (TI) LM2597 Datasheet HTML 27Page - National Semiconductor (TI) LM2597 Datasheet HTML 28Page - National Semiconductor (TI) LM2597 Datasheet HTML 29Page - National Semiconductor (TI) LM2597 Datasheet HTML 30Page - National Semiconductor (TI) LM2597 Datasheet HTML 31Page - National Semiconductor (TI) LM2597 Datasheet HTML 32Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 34 page
background image
Application Information (Continued)
To use the bias supply feature with output voltages between
4V and 15V, wire the bias pin to the regulated output. Since
the V
BS pin requires a minimum of 4V to operate, the 3.3V
part cannot be used this way. When the V
BS pin is left open,
the intemal regulator circuitry is powered from the input
voltage.
SHUTDOWN /SOFT-START
The circuit shown in
Figure 28 is a standard buck regulator
with 24V in, 12V out, 100 mA load, and using a 0.068 µF
Soft-start capacitor. The photo in
Figure 26 and Figure 27
show the effects of Soft-start on the output voltage, the input
current, with, and without a Soft-start capacitor.
Figure 26
also shows the error flag output going high when the output
voltage reaches 95% of the nominal output voltage. The
reduced input current required at startup is very evident
when comparing the two photos. The Soft-start feature re-
duces the startup current from 700 mA down to 160 mA, and
delays and slows down the output voltage rise time.
This reduction in start up current is useful in situations where
the input power source is limited in the amount of current it
can deliver. In some applications Soft-start can be used to
replace undervoltage lockout or delayed startup functions.
If a very slow output voltage ramp is desired, the Soft-start
capacitor can be made much larger. Many seconds or even
minutes are possible.
If only the shutdown feature is needed, the Soft-start capaci-
tor can be eliminated.
DS012440-43
FIGURE 24. Effects of Bias Supply Feature on 5V
Regulator Efficiency
DS012440-45
FIGURE 25. Effects of Bias Supply Feature on 12V
Regulator Efficiency
DS012440-44
FIGURE 26. Output Voltage, Input Current, Error Flag
Signal, at Start-Up, WITH Soft-start
DS012440-46
FIGURE 27. Output Voltage, Input Current, at Start-Up,
WITHOUT Soft-start
www.national.com
28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com