Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2597 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM2597
Description  SIMPLE SWITCHER Power Converter 150 kHz 0.5A Step-Down Voltage Regulator, with Features
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2597 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM2597 Datasheet HTML 1Page - National Semiconductor (TI) LM2597 Datasheet HTML 2Page - National Semiconductor (TI) LM2597 Datasheet HTML 3Page - National Semiconductor (TI) LM2597 Datasheet HTML 4Page - National Semiconductor (TI) LM2597 Datasheet HTML 5Page - National Semiconductor (TI) LM2597 Datasheet HTML 6Page - National Semiconductor (TI) LM2597 Datasheet HTML 7Page - National Semiconductor (TI) LM2597 Datasheet HTML 8Page - National Semiconductor (TI) LM2597 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
LM2597/LM2597HV
SIMPLE SWITCHER® Power Converter 150 kHz 0.5A
Step-Down Voltage Regulator, with Features
General Description
The LM2597/LM2597HV series of regulators are monolithic
integrated circuits that provide all the active functions for a
step-down (buck) switching regulator, capable of driving a
0.5A load with excellent line and load regulation. These
devices are available in fixed output voltages of 3.3V, 5V,
12V, and an adjustable output version, and are packaged in
an 8-lead DIP and an 8-lead surface mount package.
This series of switching regulators is similar to the LM2594
series, with additional supervisory and performance features
added.
Requiring a minimum number of external components, these
regulators are simple to use and include internal frequency
compensation†, improved line and load specifications,
fixed-frequency oscillator, Shutdown /Soft-start, error flag
delay and error flag output.
The LM2597/LM2597HV series operates at a switching fre-
quency of 150 kHz thus allowing smaller sized filter compo-
nents than what would be needed with lower frequency
switching regulators. Because of its high efficiency, the cop-
per traces on the printed circuit board are normally the only
heat sinking needed.
A standard series of inductors (both through hole and sur-
face mount types) are available from several different manu-
facturers optimized for use with the LM2597/LM2597HV se-
ries.
This
feature
greatly
simplifies
the
design
of
switch-mode power supplies.
Other features include a guaranteed ±4% tolerance on out-
put voltage under all conditions of input voltage and output
load conditions, and ±15% on the oscillator frequency. Ex-
ternal shutdown is included, featuring typically 85 µA
standby current. Self protection features include a two stage
current limit for the output switch and an over temperature
shutdown for complete protection under fault conditions.
The LM2597HV is for use in applications requiring and input
voltage up to 60V.
Features
n
3.3V, 5V, 12V, and adjustable output versions
n
Adjustable version output voltage range, 1.2V to 37V
(57V for HV version)±4% max over line and load
conditions
n
Guaranteed 0.5A output current
n
Available in 8-pin surface mount and DIP-8 package
n
Input voltage range up to 60V
n
150 kHz fixed frequency internal oscillator
n
Shutdown /Soft-start
n
Out of regulation error flag
n
Error output delay
n
Bias Supply Pin (V
BS) for internal circuitry improves
efficiency at high input voltages
n
Low power standby mode, I
Q typically 85 µA
n
High Efficiency
n
Uses readily available standard inductors
n
Thermal shutdown and current limit protection
Applications
n
Simple high-efficiency step-down (buck) regulator
n
Efficient pre-regulator for linear regulators
n
On-card switching regulators
n
Positive to Negative converter
Typical Application (Fixed Output Voltage Versions)
SIMPLE SWITCHER® and
Switchers Made Simple ® are registered trademarks of National Semiconductor Corporation.
DS012440-1
†Patent Number 5,382,918.
December 2000
© 2001 National Semiconductor Corporation
DS012440
www.national.com


Similar Part No. - LM2597

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2597 TI-LM2597 Datasheet
2Mb / 48P
LM2597/LM2597HV SIMPLE SWITCHER Power Converter 150 kHz 0.5A Step-Down Voltage Regulator, with Features
LM2597 TI-LM2597 Datasheet
2Mb / 48P
LM2597/LM2597HV SIMPLE SWITCHER Power Converter 150 kHz 0.5A Step-Down
LM2597HV TI-LM2597HV Datasheet
2Mb / 48P
LM2597/LM2597HV SIMPLE SWITCHER Power Converter 150 kHz 0.5A Step-Down Voltage Regulator, with Features
LM2597HV TI-LM2597HV Datasheet
2Mb / 48P
LM2597/LM2597HV SIMPLE SWITCHER Power Converter 150 kHz 0.5A Step-Down
LM2597HVM-12 TI-LM2597HVM-12 Datasheet
2Mb / 48P
LM2597/LM2597HV SIMPLE SWITCHER Power Converter 150 kHz 0.5A Step-Down Voltage Regulator, with Features
More results

Similar Description - LM2597

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2590HV NSC-LM2590HV Datasheet
752Kb / 20P
SIMPLE SWITCHER Power Converter 150 kHz 1A Step-Down Voltage Regulator, with Features
LM2593HV NSC-LM2593HV Datasheet
753Kb / 21P
SIMPLE SWITCHER Power Converter 150 kHz 2A Step-Down Voltage Regulator, with Features
LM2594 NSC-LM2594 Datasheet
740Kb / 28P
SIMPLE SWITCHER Power Converter 150 kHz 0.5A Step-Down Voltage Regulator
LM2598 NSC-LM2598 Datasheet
847Kb / 33P
SIMPLE SWITCHER Power Converter 150 kHz 1A Step-Down Voltage Regulator, with Features
LM2599 NSC-LM2599 Datasheet
812Kb / 31P
SIMPLE SWITCHER Power Converter 150 kHz 3A Step-Down Voltage Regulator, with Features
logo
Texas Instruments
LM2597M-5 TI1-LM2597M-5 Datasheet
2Mb / 48P
LM2597/LM2597HV SIMPLE SWITCHER Power Converter 150 kHz 0.5A Step-Down Voltage Regulator
LM2597HVM-ADJ TI-LM2597HVM-ADJ Datasheet
2Mb / 48P
LM2597/LM2597HV SIMPLE SWITCHER Power Converter 150 kHz 0.5A Step-Down Voltage Regulator, with Features
LM2594MX-5 TI1-LM2594MX-5 Datasheet
1Mb / 40P
LM2594/LM2594HV SIMPLE SWITCHER Power Converter 150 kHz 0.5A Step-Down Voltage Regulator
LM2594N-ADJ TI1-LM2594N-ADJ Datasheet
1Mb / 40P
LM2594/LM2594HV SIMPLE SWITCHER Power Converter 150 kHz 0.5A Step-Down Voltage Regulator
LM2598 TI1-LM2598 Datasheet
2Mb / 47P
SIMPLE SWITCHER Power Converter 150-kHz 1-A Step-Down Voltage Regulator, With Features
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com