Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2597 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM2597
Description  SIMPLE SWITCHER Power Converter 150 kHz 0.5A Step-Down Voltage Regulator, with Features
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2597 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LM2597 Datasheet HTML 1Page - National Semiconductor (TI) LM2597 Datasheet HTML 2Page - National Semiconductor (TI) LM2597 Datasheet HTML 3Page - National Semiconductor (TI) LM2597 Datasheet HTML 4Page - National Semiconductor (TI) LM2597 Datasheet HTML 5Page - National Semiconductor (TI) LM2597 Datasheet HTML 6Page - National Semiconductor (TI) LM2597 Datasheet HTML 7Page - National Semiconductor (TI) LM2597 Datasheet HTML 8Page - National Semiconductor (TI) LM2597 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 34 page
background image
LM2597/LM2597HV-12
Electrical Characteristics
Specifications with standard type face are for T
J = 25˚C, and those with boldface type apply over full Operating Tempera-
ture Range.V
INmax=40V for the LM2597 and 60V for the LM2597HV
Symbol
Parameter
Conditions
LM2597/LM2597HV-12
Units
(Limits)
Typ
Limit
(Note 4)
(Note 5)
SYSTEM PARAMETERS (Note 6) Test Circuit
Figure 12
V
OUT
Output Voltage
15V
≤ V
IN ≤ VINmax, 0.1A ≤ ILOAD ≤ 0.5A
12
V
11.52/11.40
V(min)
12.48/12.60
V(max)
η
Efficiency
V
IN = 25V, ILOAD = 0.5A
88
%
LM2597/LM2597HV-ADJ
Electrical Characteristics
Specifications with standard type face are for T
J = 25˚C, and those with boldface type apply over full Operating Tempera-
ture Range.V
INmax=40V for the LM2597 and 60V for the LM2597HV
Symbol
Parameter
Conditions
LM2597/LM2597HV-ADJ
Units
(Limits)
Typ
Limit
(Note 4)
(Note 5)
SYSTEM PARAMETERS (Note 6) Test Circuit
Figure 12
V
FB
Feedback Voltage
4.5V
≤ V
IN ≤ VINmax, 0.1A ≤ ILOAD ≤ 0.5A
1.230
V
V
OUT programmed for 3V. Circuit of Figure 12.
1.193/1.180
V(min)
1.267/1.280
V(max)
η
Efficiency
V
IN = 12V, VOUT = 3V, ILOAD = 0.5A
80
%
All Output Voltage Versions
Electrical Characteristics
Specifications with standard type face are for T
J = 25˚C, and those with boldface type apply over full Operating Tempera-
ture Range. Unless otherwise specified, V
IN = 12V for the 3.3V, 5V, and Adjustable version and VIN = 24V for the 12V ver-
sion. I
LOAD = 100 mA.
Symbol
Parameter
Conditions
LM2597/LM2597HV-XX
Units
(Limits)
Typ
Limit
(Note 4)
(Note 5)
DEVICE PARAMETERS
I
b
Feedback Bias Current
Adjustable Version Only, V
FB = 1.235V
10
50/100
nA
f
O
Oscillator Frequency
(Note 7)
150
kHz
127/110
kHz(min)
173/173
kHz(max)
V
SAT
Saturation Voltage
I
OUT = 0.5A (Notes 8 and 9)
0.9
V
1.1/1.2
V(max)
DC
Max Duty Cycle (ON)
(Note 9)
100
%
Min Duty Cycle (OFF)
(Note 10)
0
I
CL
Current Limit
Peak Current, (Notes 8 and 9)
0.8
A
0.65/0.58
A(min)
1.3/1.4
A(max)
I
L
Output Leakage Current
(Notes 8, 10 and 11)
Output = 0V
50
µA(max)
Output = −1V
2
mA
15
mA(max)
I
Q
Operating Quiescent
SD /SS Pin Open, V
BS Pin Open(Note 10)
5mA
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com