Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2597 Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM2597
Description  SIMPLE SWITCHER Power Converter 150 kHz 0.5A Step-Down Voltage Regulator, with Features
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2597 Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button LM2597 Datasheet HTML 7Page - National Semiconductor (TI) LM2597 Datasheet HTML 8Page - National Semiconductor (TI) LM2597 Datasheet HTML 9Page - National Semiconductor (TI) LM2597 Datasheet HTML 10Page - National Semiconductor (TI) LM2597 Datasheet HTML 11Page - National Semiconductor (TI) LM2597 Datasheet HTML 12Page - National Semiconductor (TI) LM2597 Datasheet HTML 13Page - National Semiconductor (TI) LM2597 Datasheet HTML 14Page - National Semiconductor (TI) LM2597 Datasheet HTML 15Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 34 page
background image
LM2597/LM2597HV Series Buck Regulator Design Procedure (Fixed
Output) (Continued)
Conditions
Inductor
Output Capacitor
Through Hole
Surface Mount
Output
Load
Max Input
Inductance
Inductor
Panasonic
Nichicon
AVX TPS
Sprague
Voltage
Current
Voltage
(µH)
(#)
HFQ Series
PL Series
Series
595D Series
(V)
(A)
(V)
(µF/V)
(µF/V)
(µF/V)
(µF/V)
3.3
0.5
5
33
L14
220/16
220/16
100/16
100/6.3
7
47
L13
120/25
120/25
100/16
100/6.3
10
68
L21
120/25
120/25
100/16
100/6.3
40
100
L20
120/35
120/35
100/16
100/6.3
6
68
L4
120/25
120/25
100/16
100/6.3
0.2
10
150
L10
120/16
120/16
100/16
100/6.3
40
220
L9
120/16
120/16
100/16
100/6.3
5
0.5
8
47
L13
180/16
180/16
100/16
33/25
10
68
L21
180/16
180/16
100/16
33/25
15
100
L20
120/25
120/25
100/16
33/25
40
150
L19
120/25
120/25
100/16
33/25
9
150
L10
82/16
82/16
100/16
33/25
0.2
20
220
L9
120/16
120/16
100/16
33/25
40
330
L8
120/16
120/16
100/16
33/25
12
0.5
15
68
L21
82/25
82/25
100/16
15/25
18
150
L19
82/25
82/25
100/16
15/25
30
220
L27
82/25
82/25
100/16
15/25
40
330
L26
82/25
82/25
100/16
15/25
15
100
L11
82/25
82/25
100/16
15/25
0.2
20
220
L9
82/25
82/25
100/16
15/25
40
330
L17
82/25
82/25
100/16
15/25
FIGURE 1. LM2597/LM2597HV Fixed Voltage Quick Design Component Selection Table
www.national.com
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com