Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2597 Datasheet(PDF) 32 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM2597
Description  SIMPLE SWITCHER Power Converter 150 kHz 0.5A Step-Down Voltage Regulator, with Features
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2597 Datasheet(HTML) 32 Page - National Semiconductor (TI)

Back Button LM2597 Datasheet HTML 26Page - National Semiconductor (TI) LM2597 Datasheet HTML 27Page - National Semiconductor (TI) LM2597 Datasheet HTML 28Page - National Semiconductor (TI) LM2597 Datasheet HTML 29Page - National Semiconductor (TI) LM2597 Datasheet HTML 30Page - National Semiconductor (TI) LM2597 Datasheet HTML 31Page - National Semiconductor (TI) LM2597 Datasheet HTML 32Page - National Semiconductor (TI) LM2597 Datasheet HTML 33Page - National Semiconductor (TI) LM2597 Datasheet HTML 34Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 32 / 34 page
background image
Application Information (Continued)
TYPICAL SURFACE MOUNT PC BOARD LAYOUT, FIXED OUTPUT (2X size)
DS012440-54
CIN
— 10 µF, 35V, Solid Tantalum, AVX, “TPS Series” (surface mount, “D” size)
COUT
— 100 µF, 10V Solid Tantalum, AVX, “TPS Series” (surface mount, “D” size)
D1
— 1A, 40V Surface Mount Schottky Rectifier
L1
— Surface Mount Inductor, Coilcraft DO33
CSS
— Soft-start Capacitor (surface mount ceramic chip capacitor)
CD
— Delay Capacitor (surface mount ceramic chip capacitor)
R3
— Error Flag Pullup Resistor (surface mount chip resistor)
TYPICAL SURFACE MOUNT PC BOARD LAYOUT, ADJUSTABLE OUTPUT (2X size)
DS012440-55
CIN
— 10 µF, 35V, Solid Tantalum, AVX, “TPS Series” (surface mount, “D” size)
COUT — 68 µF, 20V Solid Tantalum, AVX, “TPS Series” (surface mount, “D” size)
D1
— 1A, 40V Surface Mount Schottky Rectifier
L1
— Surface Mount Inductor, Coilcraft DO33
CSS
— Soft-start Capacitor (surface mount ceramic chip capacitor)
CD
— Delay Capacitor (surface mount ceramic chip capacitor)
CFF
— Feedforward Capacitor (surface mount ceramic chip capacitor)
R1
— Output Voltage Program Resistor (surface mount chip resistor)
R2
— Output Voltage Program Resistor (surface mount chip resistor)
R3
— Error Flag Pullup Resistor (surface mount chip resistor)
FIGURE 35. 2X Printed Circuit Board Layout
www.national.com
32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com