Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2597 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM2597
Description  SIMPLE SWITCHER Power Converter 150 kHz 0.5A Step-Down Voltage Regulator, with Features
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2597 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LM2597 Datasheet HTML 1Page - National Semiconductor (TI) LM2597 Datasheet HTML 2Page - National Semiconductor (TI) LM2597 Datasheet HTML 3Page - National Semiconductor (TI) LM2597 Datasheet HTML 4Page - National Semiconductor (TI) LM2597 Datasheet HTML 5Page - National Semiconductor (TI) LM2597 Datasheet HTML 6Page - National Semiconductor (TI) LM2597 Datasheet HTML 7Page - National Semiconductor (TI) LM2597 Datasheet HTML 8Page - National Semiconductor (TI) LM2597 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 34 page
background image
All Output Voltage Versions
Electrical Characteristics (Continued)
Specifications with standard type face are for T
J = 25˚C, and those with boldface type apply over full Operating Tempera-
ture Range. Unless otherwise specified, V
IN = 12V for the 3.3V, 5V, and Adjustable version and VIN = 24V for the 12V ver-
sion. I
LOAD = 100 mA.
Symbol
Parameter
Conditions
LM2597/LM2597HV-XX
Units
(Limits)
Typ
Limit
(Note 4)
(Note 5)
DEVICE PARAMETERS
Current
10
mA(max)
I
STBY
Standby Quiescent
SD /SS pin = 0V
(Note 10)LM2597
85
µA
Current
200/250
µA(max)
LM2597HV
140
250/300
µA(max)
θ
JA
Thermal Resistance
N Package, Junction to Ambient (Note 12)
95
˚C/W
M Package, Junction to Ambient (Note 12)
150
SHUTDOWN/SOFT-START CONTROL Test Circuit of
Figure 12
V
SD
Shutdown Threshold
1.3
V
Voltage
Low, (Shutdown Mode)
0.6
V(max)
High, (Soft-start Mode)
2
V(min)
V
SS
Soft-start Voltage
V
OUT = 20% of Nominal Output Voltage
2
V
V
OUT = 100% of Nominal Output Voltage
3
I
SD
Shutdown Current
V
SHUTDOWN = 0.5V
5µA
10
µA(max)
I
SS
Soft-start Current
V
Soft-start = 2.5V
1.6
µA
5
µA(max)
FLAG/DELAY CONTROL Test Circuit of
Figure 12
Regulator Dropout
Low (Flag ON)
96
%
Detector
92
%(min)
Threshold Voltage
98
%(max)
VF
SAT
Flag Output Saturation
I
SINK = 3 mA
0.3
V
Voltage
V
DELAY = 0.5V
0.7/1.0
V(max)
IF
L
Flag Output Leakage
Current
V
FLAG = 40V
0.3
µA
Delay Pin Threshold
1.25
V
Voltage
Low (Flag ON)
1.21
V(min)
High (Flag OFF) and V
OUT Regulated
1.29
V(max)
Delay Pin Source
V
DELAY = 0.5V
3
µA
Current
6
µA(max)
Delay Pin Saturation
Low (Flag ON)
55
mV
350/400
mV(max)
BIAS SUPPLY
I
BS
Bias Supply Pin Current
V
BS = 2V
(Note 10)
120
µA
400
µA(max)
V
BS = 4.4V (Note 10)
4
mA
10
mA(max)
I
Q
Operating Quiescent
Current
V
BS = 4.4V , Vin pin current(Note 10)
1
2
mA
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for which the device is
intended to be functional, but do not guarantee specific performance limits. For guaranteed specifications and test conditions, see the Electrical Characteristics.
Note 2: Voltage internally clamped. If clamp voltage is exceeded, limit current to a maximum of 1 mA.
Note 3: The human body model is a 100 pF capacitor discharged through a 1.5k resistor into each pin.
Note 4: Typical numbers are at 25˚C and represent the most likely norm.
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com