Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2597 Datasheet(PDF) 19 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM2597
Description  SIMPLE SWITCHER Power Converter 150 kHz 0.5A Step-Down Voltage Regulator, with Features
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2597 Datasheet(HTML) 19 Page - National Semiconductor (TI)

Back Button LM2597 Datasheet HTML 15Page - National Semiconductor (TI) LM2597 Datasheet HTML 16Page - National Semiconductor (TI) LM2597 Datasheet HTML 17Page - National Semiconductor (TI) LM2597 Datasheet HTML 18Page - National Semiconductor (TI) LM2597 Datasheet HTML 19Page - National Semiconductor (TI) LM2597 Datasheet HTML 20Page - National Semiconductor (TI) LM2597 Datasheet HTML 21Page - National Semiconductor (TI) LM2597 Datasheet HTML 22Page - National Semiconductor (TI) LM2597 Datasheet HTML 23Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 34 page
background image
Typical Circuit and Layout Guidelines
Fixed Output Voltage Versions
DS012440-27
Component Values shown are for VIN = 15V, VOUT =5V, ILOAD = 500 mA.
CIN
— 47 µF, 50V, Aluminum Electrolytic Nichicon “PL Series”
COUT — 120 µF, 25V Aluminum Electrolytic, Nichicon “PL Series”
D1
— 1A, 30V Schottky Rectifier, 1N5818
L1
— 100 µH, L20
Typical Values
CSS
— 0.1 µF
CDELAY — 0.1 µF
RPull Up — 4.7k
*Use Bias Supply pin for 5V and 12V Versions
Adjustable Output Voltage Versions
DS012440-56
Select R1 to be approximately 1 kΩ, use a 1% resistor for best stability.
Component Values shown are for VIN = 20V,
VOUT = 10V, ILOAD = 500 mA.
CIN
— 68 µF, 35V, Aluminum Electrolytic Nichicon “PL Series”
COUT — 120 µF, 25V Aluminum Electrolytic, Nichicon “PL Series”
D1
— 1A, 30V Schottky Rectifier, 1N5818
L1
— 150 µH, L19
R1
—1 k
Ω,1%
R2
— 7.15k, 1%
CFF — 3.3 nF, See Application Information Section
Typical Values
CSS — 0.1 µF
CDELAY — 0.1 µF
RPULL UP — 4.7k
*For output voltages between 4V and 20V
FIGURE 12. Typical Circuits and Layout Guides
www.national.com
19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com