Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2597 Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM2597
Description  SIMPLE SWITCHER Power Converter 150 kHz 0.5A Step-Down Voltage Regulator, with Features
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2597 Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button LM2597 Datasheet HTML 3Page - National Semiconductor (TI) LM2597 Datasheet HTML 4Page - National Semiconductor (TI) LM2597 Datasheet HTML 5Page - National Semiconductor (TI) LM2597 Datasheet HTML 6Page - National Semiconductor (TI) LM2597 Datasheet HTML 7Page - National Semiconductor (TI) LM2597 Datasheet HTML 8Page - National Semiconductor (TI) LM2597 Datasheet HTML 9Page - National Semiconductor (TI) LM2597 Datasheet HTML 10Page - National Semiconductor (TI) LM2597 Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 34 page
background image
Typical Performance Characteristics (Continued)
V
IN and VBS Current vs
V
BS and Temperature
DS012440-17
Soft-start Response
DS012440-18
Shutdown /Soft-start
Threshold Voltage
DS012440-25
Continuous Mode Switching Waveforms
V
IN = 20V, VOUT =5V, ILOAD = 400 mA
L = 100 µH, C
OUT = 120 µF, COUT ESR = 140 mΩ
DS012440-19
A: Output Pin Voltage, 10V/div.
B: Inductor Current 0.2A/div.
C: Output Ripple Voltage, 20 mV/div.
Horizontal Time Base: 2 µs/div.
Discontinuous Mode Switching Waveforms
V
IN = 20V, VOUT =5V, ILOAD = 200 mA
L = 33 µH, C
OUT = 220 µF, COUT ESR=60 mΩ
DS012440-20
A: Output Pin Voltage, 10V/div.
B: Inductor Current 0.2A/div.
C: Output Ripple Voltage, 20 mV/div.
Horizontal Time Base: 2 µs/div.
Load Transient Response for Continuous Mode
V
IN = 20V, VOUT =5V, ILOAD = 200 mA to 500 mA
L = 100 µH, C
OUT = 120 µF, COUT ESR = 140 mΩ
DS012440-21
A: Output Voltage, 50 mV/div. (AC)
B: 200 mA to 500 mA Load Pulse
Horizontal Time Base: 50 µs/div.
Load Transient Response for Discontinuous Mode
V
IN = 20V, VOUT =5V, ILOAD = 100 mA to 200 mA
L = 33 µH, C
OUT = 220 µF, COUT ESR=60 mΩ
DS012440-22
A: Output Voltage, 50 mV/div. (AC)
B: 100 mA to 200 mA Load Pulse
Horizontal Time Base: 200 µs/div.
www.national.com
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com