Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2597 Datasheet(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM2597
Description  SIMPLE SWITCHER Power Converter 150 kHz 0.5A Step-Down Voltage Regulator, with Features
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2597 Datasheet(HTML) 13 Page - National Semiconductor (TI)

Back Button LM2597 Datasheet HTML 9Page - National Semiconductor (TI) LM2597 Datasheet HTML 10Page - National Semiconductor (TI) LM2597 Datasheet HTML 11Page - National Semiconductor (TI) LM2597 Datasheet HTML 12Page - National Semiconductor (TI) LM2597 Datasheet HTML 13Page - National Semiconductor (TI) LM2597 Datasheet HTML 14Page - National Semiconductor (TI) LM2597 Datasheet HTML 15Page - National Semiconductor (TI) LM2597 Datasheet HTML 16Page - National Semiconductor (TI) LM2597 Datasheet HTML 17Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 34 page
background image
LM2597/LM2597HV Series Buck Regulator Design Procedure (Adjustable
Output) (Continued)
PROCEDURE (Adjustable Output Voltage Version)
EXAMPLE (Adjustable Output Voltage Version)
3. Output Capacitor Selection (C
OUT)
A. In the majority of applications, low ESR electrolytic or solid
tantalum capacitors between 82 µF and 220 µF provide the
best results. This capacitor should be located close to the IC
using short capacitor leads and short copper traces. Do not
use capacitors larger than 220 µF. For additional informa-
tion, see section on output capacitors in application in-
formation section.
B. To simplify the capacitor selection procedure, refer to the
quick design table shown in
Figure 2. This table contains
different output voltages, and lists various output capacitors
that will provide the best design solutions.
C. The capacitor voltage rating should be at least 1.5 times
greater than the output voltage, and often much higher volt-
age ratings are needed to satisfy the low ESR requirements
needed for low output ripple voltage.
3. Output Capacitor SeIection (C
OUT)
A. See section on C
OUT in Application Information section.
B. From the quick design table shown in
Figure 2, locate the
output voltage column. From that column, locate the output
voltage closest to the output voltage in your application. In this
example, select the 24V line. Under the output capacitor
section, select a capacitor from the list of through hole elec-
trolytic or surface mount tantalum types from four different
capacitor manufacturers. It is recommended that both the
manufacturers and the manufacturers series that are listed in
the table be used.
In this example, through hole aluminum electrolytic capacitors
from several different manufacturers are available.
82 µF
50V
Panasonic HFQ Series
120 µF
50V
Nichicon PL Series
C. For a 20V output, a capacitor rating of at least 30V or more
is needed. In this example, either a 35V or 50V capacitor
would work. A 50V rating was chosen because it has a lower
ESR which provides a lower output ripple voltage.
Other manufacturers or other types of capacitors may also be
used, provided the capacitor specifications (especially the
100 kHz ESR) closely match the types listed in the table.
Refer to the capacitor manufacturers data sheet for this infor-
mation.
4. Feedforward Capacitor (C
FF) (See Figure 12)
For output voltages greater than approximately 10V, an addi-
tional capacitor is required. The compensation capacitor is
typically between 50 pF and 10 nF, and is wired in parallel with
the output voltage setting resistor, R
2. It provides additional
stability for high output voltages, low input-output voltages,
and/or very low ESR output capacitors, such as solid tantalum
capacitors.
This capacitor type can be ceramic, plastic, silver mica, etc.
(Because of the unstable characteristics of ceramic capacitors
made with Z5U material, they are not recommended.)
4. Feedforward Capacitor (C
FF)
The table shown in
Figure 2 contains feed forward capacitor
values for various output voltages. In this example,a1nF
capacitor is needed.
www.national.com
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com