Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPS22HBTR Datasheet(PDF) 11 Page - STMicroelectronics

Part # LPS22HBTR
Description  MEMS nano pressure sensor: 260-1260 hPa absolute digital output barometer
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LPS22HBTR Datasheet(HTML) 11 Page - STMicroelectronics

Back Button LPS22HBTR Datasheet HTML 7Page - STMicroelectronics LPS22HBTR Datasheet HTML 8Page - STMicroelectronics LPS22HBTR Datasheet HTML 9Page - STMicroelectronics LPS22HBTR Datasheet HTML 10Page - STMicroelectronics LPS22HBTR Datasheet HTML 11Page - STMicroelectronics LPS22HBTR Datasheet HTML 12Page - STMicroelectronics LPS22HBTR Datasheet HTML 13Page - STMicroelectronics LPS22HBTR Datasheet HTML 14Page - STMicroelectronics LPS22HBTR Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 49 page
background image
DocID027083 Rev 5
11/49
LPS22HB
Mechanical and electrical specifications
49
3.2
Electrical characteristics
VDD = 1.8 V, T = 25 °C, unless otherwise noted.
Table 4. Electrical characteristics
Symbol
Parameter
Test condition
Min.
Typ.(1)
1. Typical specifications are not guaranteed.
Max.
Unit
VDD
Supply voltage
1.7
3.6
V
Vdd_IO IO supply voltage
1.7
Vdd+0.1
V
Idd
Supply current
@ ODR 1 Hz
LC_EN bit = 0
12
μA
@ ODR 1 Hz
LC_EN bit = 1
3
IddPdn
Supply current in power-down
mode
1
μA
Table 5. DC characteristics
Symbol
Parameter
Condition
Min.
Typ.
Max.
Unit
DC input characteristics
Vil
Low-level input voltage
(Schmitt buffer)
--
-
0.2 *
Vdd_IO
V
Vih
High-level input voltage
(Schmitt buffer)
-
0.8 *
Vdd_IO
--
V
DC output characteristics
Vol
Low-level output voltage
0.2
-
-
V
Voh
High-level output voltage
-
-
Vdd_IO-
0.2
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com