Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPS22HBTR Datasheet(PDF) 38 Page - STMicroelectronics

Part # LPS22HBTR
Description  MEMS nano pressure sensor: 260-1260 hPa absolute digital output barometer
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LPS22HBTR Datasheet(HTML) 38 Page - STMicroelectronics

Back Button LPS22HBTR Datasheet HTML 34Page - STMicroelectronics LPS22HBTR Datasheet HTML 35Page - STMicroelectronics LPS22HBTR Datasheet HTML 36Page - STMicroelectronics LPS22HBTR Datasheet HTML 37Page - STMicroelectronics LPS22HBTR Datasheet HTML 38Page - STMicroelectronics LPS22HBTR Datasheet HTML 39Page - STMicroelectronics LPS22HBTR Datasheet HTML 40Page - STMicroelectronics LPS22HBTR Datasheet HTML 41Page - STMicroelectronics LPS22HBTR Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 49 page
background image
Register description
LPS22HB
38/49
DocID027083 Rev 5
When the ODR bits are set to a value different than '000', the device is in Continuous
mode and automatically acquires a set of data (pressure and temperature) at the frequency
selected through the ODR[2:0] bits.
Once the additional low-pass filter has been enabled through the EN_LPFP bit, it is possible
to configure the device bandwidth acting on the LPFP_CFG bit. See Table 18 for low-pass
filter configurations.
The BDU bit is used to inhibit the update of the output registers between the reading of upper,
middle and lower register parts. In default mode (BDU = ‘0’), the lower and upper register parts
are updated continuously. When the BDU is activated (BDU = ‘1’), the content of the output
registers is not updated until PRESS_OUT_H (2Ah) is read, avoiding the reading of values
related to different samples.
9.6
CTRL_REG2 (11h)
Control register 2
Table 18. Low-pass filter configurations
EN_LPFP
LPFP_CFG
Additional low-pass filter status
Device bandwidth
0
x
Disabled
ODR/2
1
0
Enabled
ODR/9
1
1
Enabled
ODR/20
7
6
5
43210
BOOT
FIFO_EN
STOP_ON_FTH
IF_ADD_INC
I2C_DIS
SWRESET
0(1)
1. This bit must be set to ‘0’ for proper operation of the device
ONE_SHOT
BOOT
Reboot memory content. Default value: 0
(0: normal mode; 1: reboot memory content). The bit is self-cleared when the BOOT
is completed.
FIFO_EN
FIFO enable. Default value: 0
(0: disable; 1: enable)
STOP_ON_FTH
Stop on FIFO watermark. Enable FIFO watermark level use. Default value: 0
(0: disable; 1: enable)
IF_ADD_INC
Register address automatically incremented during a multiple byte access with a
serial interface (I2C or SPI). Default value: 1
(0: disable; 1 enable)
I2C_DIS
Disable I2C interface. Default value: 0
(0: I2C enabled;1: I2C disabled)
SWRESET
Software reset. Default value: 0
(0: normal mode; 1: software reset).
The bit is self-cleared when the reset is completed.
ONE_SHOT
One-shot enable. Default value: 0
(0: idle mode; 1: a new dataset is acquired)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com