Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPS22HBTR Datasheet(PDF) 19 Page - STMicroelectronics

Part # LPS22HBTR
Description  MEMS nano pressure sensor: 260-1260 hPa absolute digital output barometer
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LPS22HBTR Datasheet(HTML) 19 Page - STMicroelectronics

Back Button LPS22HBTR Datasheet HTML 15Page - STMicroelectronics LPS22HBTR Datasheet HTML 16Page - STMicroelectronics LPS22HBTR Datasheet HTML 17Page - STMicroelectronics LPS22HBTR Datasheet HTML 18Page - STMicroelectronics LPS22HBTR Datasheet HTML 19Page - STMicroelectronics LPS22HBTR Datasheet HTML 20Page - STMicroelectronics LPS22HBTR Datasheet HTML 21Page - STMicroelectronics LPS22HBTR Datasheet HTML 22Page - STMicroelectronics LPS22HBTR Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 49 page
background image
DocID027083 Rev 5
19/49
LPS22HB
FIFO
49
5.3
Stream mode
Stream mode (FIFO_CTRL (14h)(FMODE2:0) = 010) provides continuous FIFO update: as
new data arrive, the older is discarded.
Once the entire FIFO has been read, the last data read remains in the FIFO and hence once
a new sample is acquired, the FIFO_STATUS (26h)(FSS5:0) value rises from 0 to 2.
An overrun interrupt can be enabled, CTRL_REG3 (12h)(F_OVR) = '1', in order to inform
when the FIFO is full and eventually read its content all at once. If an overrun occurs, the
oldest sample in FIFO is overwritten, so if the FIFO was empty, the lost sample has already
been read.
Figure 9. Stream mode
In the latter case reading all FIFO content before an overrun interrupt has occurred, the first
data read is equal to the last already read in the previous burst, so the number of new data
available in FIFO depends on the previous reading.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com