Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPS22HBTR Datasheet(PDF) 42 Page - STMicroelectronics

Part # LPS22HBTR
Description  MEMS nano pressure sensor: 260-1260 hPa absolute digital output barometer
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LPS22HBTR Datasheet(HTML) 42 Page - STMicroelectronics

Back Button LPS22HBTR Datasheet HTML 38Page - STMicroelectronics LPS22HBTR Datasheet HTML 39Page - STMicroelectronics LPS22HBTR Datasheet HTML 40Page - STMicroelectronics LPS22HBTR Datasheet HTML 41Page - STMicroelectronics LPS22HBTR Datasheet HTML 42Page - STMicroelectronics LPS22HBTR Datasheet HTML 43Page - STMicroelectronics LPS22HBTR Datasheet HTML 44Page - STMicroelectronics LPS22HBTR Datasheet HTML 45Page - STMicroelectronics LPS22HBTR Datasheet HTML 46Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 49 page
background image
Register description
LPS22HB
42/49
DocID027083 Rev 5
9.10
REF_P_L (16h)
Reference pressure (middle part)
9.11
REF_P_H (17h)
Reference pressure (MSB part)
9.12
RPDS_L (18h)
Pressure offset (LSB data)
The pressure offset value is 16-bit data that can be used to implement one-point calibration
(OPC) after soldering. This value is composed of RPDS_H (19h) and RPDS_L (18h). The
value is expressed as 2’s complement.
9.13
RPDS_H (19h)
Pressure offset (MSB data)
76543210
REFL15
REFL14
REFL13
REFL12
REFL11
REFL10
REFL9
REFL8
REFL[15:8]
This register contains the mid part of the reference pressure value.
Refer to REF_P_XL (15h).
76543210
REFL23
REFL22
REFL21
REFL20
REFL19
REFL18
REFL17
REFL16
REFL[23:16]
This register contains the high part of the reference pressure value.
Refer to REF_P_XL (15h).
76543210
RPDS7
RPDS6
RPDS5
RPDS4
RPDS3
RPDS2
RPDS1
RPDS0
RPDS[7:0]
This register contains the low part of the pressure offset value.
76543210
RPDS15
RPDS14
RPDS13
RPDS12
RPDS11
RPDS10
RPDS9
RPDS8
RPDS[15:8]
This register contains the high part of the pressure offset value.
Refer to RPDS_L (18h).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com