Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPS22HBTR Datasheet(PDF) 15 Page - STMicroelectronics

Part # LPS22HBTR
Description  MEMS nano pressure sensor: 260-1260 hPa absolute digital output barometer
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LPS22HBTR Datasheet(HTML) 15 Page - STMicroelectronics

Back Button LPS22HBTR Datasheet HTML 11Page - STMicroelectronics LPS22HBTR Datasheet HTML 12Page - STMicroelectronics LPS22HBTR Datasheet HTML 13Page - STMicroelectronics LPS22HBTR Datasheet HTML 14Page - STMicroelectronics LPS22HBTR Datasheet HTML 15Page - STMicroelectronics LPS22HBTR Datasheet HTML 16Page - STMicroelectronics LPS22HBTR Datasheet HTML 17Page - STMicroelectronics LPS22HBTR Datasheet HTML 18Page - STMicroelectronics LPS22HBTR Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 49 page
background image
DocID027083 Rev 5
15/49
LPS22HB
Functionality
49
4
Functionality
The LPS22HB is a high-resolution, digital output pressure sensor packaged in an HLGA full-
mold package. The complete device includes a sensing element based on a piezoresistive
Wheatstone bridge approach, and an IC interface which communicates a digital signal from
the sensing element to the application.
4.1
Sensing element
An ST proprietary process is used to obtain a silicon membrane for MEMS pressure
sensors. When pressure is applied, the membrane deflection induces an imbalance in the
Wheatstone bridge piezoresistances whose output signal is converted by the IC interface.
4.2
IC interface
The complete measurement chain is composed of a low-noise amplifier which converts the
resistance unbalance of the MEMS sensors (pressure and temperature) into an analog
voltage using an analog-to-digital converter.
The pressure and temperature data may be accessed through an I²C/SPI interface thus
making the device particularly suitable for direct interfacing with a microcontroller.
The LPS22HB features a Data-Ready signal which indicates when a new set of measured
pressure and temperature data are available, thus simplifying data synchronization in the
digital system that uses the device.
4.3
Factory calibration
The trimming values are stored inside the device in a non-volatile structure. When the
device is turned on, the trimming parameters are downloaded into the registers to be
employed during the normal operation which allows the device to be used without requiring
any further calibration.
4.4
Interpreting pressure readings
The pressure data are stored in 3 registers: PRESS_OUT_H (2Ah), PRESS_OUT_L (29h),
and PRESS_OUT_XL (28h). The value is expressed as 2’s complement.
To obtain the pressure in hPa, take the two’s complement of the complete word and then
divide by 4096 LSB/hPa.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com