Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPS22HBTR Datasheet(PDF) 32 Page - STMicroelectronics

Part # LPS22HBTR
Description  MEMS nano pressure sensor: 260-1260 hPa absolute digital output barometer
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LPS22HBTR Datasheet(HTML) 32 Page - STMicroelectronics

Back Button LPS22HBTR Datasheet HTML 28Page - STMicroelectronics LPS22HBTR Datasheet HTML 29Page - STMicroelectronics LPS22HBTR Datasheet HTML 30Page - STMicroelectronics LPS22HBTR Datasheet HTML 31Page - STMicroelectronics LPS22HBTR Datasheet HTML 32Page - STMicroelectronics LPS22HBTR Datasheet HTML 33Page - STMicroelectronics LPS22HBTR Datasheet HTML 34Page - STMicroelectronics LPS22HBTR Datasheet HTML 35Page - STMicroelectronics LPS22HBTR Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 49 page
background image
Register mapping
LPS22HB
32/49
DocID027083 Rev 5
8
Register mapping
Table 16 provides a quick overview of the 8-bit registers embedded in the device.
Table 16. Registers address map
Name
Type
Register
Address
Default
Function and
comment
Hex
Binary
Reserved
00 - 0A
-
Reserved
INTERRUPT_CFG
R/W
0B
00000000
THS_P_L
R/W
0C
00000000
THS_P_H
R/W
0D
00000000
Reserved
0E
-
Reserved
WHO_AM_I
R
0F
10110001
Who am I
CTRL_REG1
R/W
10
00000000
CTRL_REG2
R/W
11
00010000
CTRL_REG3
R/W
12
00000000
Interrupt control
Reserved
13
-
Reserved
FIFO_CTRL
R/W
14
00000000
REF_P_XL
R/W
15
00000000
REF_P_L
R/W
16
00000000
REF_P_H
R/W
17
00000000
RPDS_L
R/W
18
00000000
RPDS_H
R/W
19
00000000
RES_CONF
R/W
1A
00000000
Reserved
1B - 24
-
Reserved
INT_SOURCE
R
25
-
FIFO_STATUS
R
26
-
STATUS
R
27
-
PRESS_OUT_XL
R
28
-
PRESS_OUT_L
R29
-
PRESS_OUT_H
R2A
-
TEMP_OUT_L
R
2B
-
TEMP_OUT_H
R
2C
-
Reserved
2D - 32
-
Reserved
LPFP_RES
R
33
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com