Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPS22HBTR Datasheet(PDF) 39 Page - STMicroelectronics

Part # LPS22HBTR
Description  MEMS nano pressure sensor: 260-1260 hPa absolute digital output barometer
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LPS22HBTR Datasheet(HTML) 39 Page - STMicroelectronics

Back Button LPS22HBTR Datasheet HTML 35Page - STMicroelectronics LPS22HBTR Datasheet HTML 36Page - STMicroelectronics LPS22HBTR Datasheet HTML 37Page - STMicroelectronics LPS22HBTR Datasheet HTML 38Page - STMicroelectronics LPS22HBTR Datasheet HTML 39Page - STMicroelectronics LPS22HBTR Datasheet HTML 40Page - STMicroelectronics LPS22HBTR Datasheet HTML 41Page - STMicroelectronics LPS22HBTR Datasheet HTML 42Page - STMicroelectronics LPS22HBTR Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 49 page
background image
DocID027083 Rev 5
39/49
LPS22HB
Register description
49
The BOOT bit is used to refresh the content of the internal registers stored in the Flash
memory block. At device power-up, the content of the Flash memory block is transferred to
the internal registers related to the trimming functions to allow correct behavior of the device
itself. If for any reason the content of the trimming registers is modified, it is sufficient to use
this bit to restore the correct values. When the BOOT bit is set to ‘1’, the content of the
internal Flash is copied into the corresponding internal registers and is used to calibrate the
device. These values are factory trimmed and they are different for every device. They allow
the correct behavior of the device and normally they should not be changed. At the end of
the boot process the BOOT bit is set again to ‘0’ by hardware. The BOOT bit takes effect
after one ODR clock cycle.
SWRESET is the software reset bit. The following device registers (INTERRUPT_CFG
(0Bh), THS_P_L (0Ch), REF_P_H (17h), CTRL_REG1 (10h), CTRL_REG2 (11h),
CTRL_REG3 (12h), FIFO_CTRL (14h), REF_P_XL (15h), REF_P_L (16h), REF_P_H
(17h)) are reset to the default value if the SWRESET bit is set to '1'. The SWRESET bit
returns to '0' by hardware.
The ONE_SHOT bit is used to start a new conversion when the ODR[2:0] bits in
CTRL_REG1 (10h) are set to ‘000’. Writing a ‘1’ in ONE_SHOT triggers a single
measurement of pressure and temperature. Once the measurement is done, the
ONE_SHOT bit will self-clear, the new data are available in the output registers, and the
STATUS (27h) bits are updated.
9.7
CTRL_REG3 (12h)
Control register 3 - INT_DRDY pin control register
76543210
INT_H_L
PP_OD
F_FSS5
F_FTH
F_OVR
DRDY
INT_S2
INT_S1
INT_H_L
Interrupt active-high/low. Default value: 0
(0: active high; 1: active low)
PP_OD
Push-pull/open drain selection on interrupt pads. Default value: 0
(0: push-pull; 1: open drain)
F_FSS5
FIFO full flag on INT_DRDY pin. Default value: 0
(0: disable; 1: enable)
F_FTH
FIFO watermark status on INT_DRDY pin. Default value: 0
(0: disable; 1: enable)
F_OVR
FIFO overrun interrupt on INT_DRDY pin. Default value: 0
(0: disable; 1: enable)
DRDY
Data-ready signal on INT_DRDY pin. Default value: 0
(0: disable; 1: enable)
INT_S[2:1]
Data signal on INT_DRDY pin control bits. Default value: 00
Refer to Table 19.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com