Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPS22HBTR Datasheet(PDF) 17 Page - STMicroelectronics

Part # LPS22HBTR
Description  MEMS nano pressure sensor: 260-1260 hPa absolute digital output barometer
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LPS22HBTR Datasheet(HTML) 17 Page - STMicroelectronics

Back Button LPS22HBTR Datasheet HTML 13Page - STMicroelectronics LPS22HBTR Datasheet HTML 14Page - STMicroelectronics LPS22HBTR Datasheet HTML 15Page - STMicroelectronics LPS22HBTR Datasheet HTML 16Page - STMicroelectronics LPS22HBTR Datasheet HTML 17Page - STMicroelectronics LPS22HBTR Datasheet HTML 18Page - STMicroelectronics LPS22HBTR Datasheet HTML 19Page - STMicroelectronics LPS22HBTR Datasheet HTML 20Page - STMicroelectronics LPS22HBTR Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 49 page
background image
DocID027083 Rev 5
17/49
LPS22HB
FIFO
49
5
FIFO
The LPS22HB embeds 32 slots of 40-bit data FIFO to store the pressure and temperature
output values. This allows consistent power saving for the system, since the host
processor does not need to continuously poll data from the sensor, but it can wake up only
when needed and burst the significant data out from the FIFO. This buffer can work
according to seven different modes: Bypass mode, FIFO mode, Stream mode, Dynamic-
Stream mode, Stream-to-FIFO mode, Bypass-to-Stream and Bypass-to-FIFO mode. The
FIFO buffer is enabled when the FIFO_EN bit in CTRL_REG2 (11h) is set to '1' and each
mode is selected by the FIFO_MODE[2:0] bits in FIFO_CTRL (14h). Programmable FIFO
threshold status, FIFO overrun events and the number of unread samples stored are
available in the FIFO_STATUS (26h) register and can be set to generate dedicated
interrupts on the INT_DRDY pad using the CTRL_REG3 (12h) register.
FIFO_STATUS (26h)(FTH_FIFO) goes to '1' when the number of unread samples
(FIFO_STATUS (26h)(FSS5:0)) is greater than or equal to WTM[4:0] in FIFO_CTRL (14h).
If FIFO_CTRL (14h)(WTM4:0) is equal to 0, FIFO_STATUS (26h)(FTH_FIFO) goes to '0'.
FIFO_STATUS (26h)(OVRN) is equal to '1' if a FIFO slot is overwritten.
FIFO_STATUS (26h)(FSS5:0) contains stored data levels of unread samples; when
FSS[5:0] is equal to '000000' FIFO is empty, when FSS[5:0] is equal to '100000' FIFO is full
and the unread samples are 32.
To guarantee the switching into and out of FIFO mode, discard the first sample acquired.
5.1
Bypass mode
In Bypass mode (FIFO_CTRL (14h)(FMODE2:0)=000), the FIFO is not operational and it
remains empty.
Bypass mode is also used to reset the FIFO when in FIFO mode.
As described in the next figure, for each channel only the first address is used. When new
data is available, the older data is overwritten.
Figure 7. Bypass mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com