Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPS22HBTR Datasheet(PDF) 35 Page - STMicroelectronics

Part # LPS22HBTR
Description  MEMS nano pressure sensor: 260-1260 hPa absolute digital output barometer
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LPS22HBTR Datasheet(HTML) 35 Page - STMicroelectronics

Back Button LPS22HBTR Datasheet HTML 31Page - STMicroelectronics LPS22HBTR Datasheet HTML 32Page - STMicroelectronics LPS22HBTR Datasheet HTML 33Page - STMicroelectronics LPS22HBTR Datasheet HTML 34Page - STMicroelectronics LPS22HBTR Datasheet HTML 35Page - STMicroelectronics LPS22HBTR Datasheet HTML 36Page - STMicroelectronics LPS22HBTR Datasheet HTML 37Page - STMicroelectronics LPS22HBTR Datasheet HTML 38Page - STMicroelectronics LPS22HBTR Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 49 page
background image
DocID027083 Rev 5
35/49
LPS22HB
Register description
49
Figure 21. “Threshold based” interrupt event
If the AUTOZERO bit is set to '1', the measured pressure is used as the reference in the
register REF_P (15h, 16h and 17h). From that point on, the output pressure registers
PRESS_OUT (28h, 29h and 2Ah) are updated and the same value is also used for the
interrupt generation:
–
PRESS_OUT = measured pressure - REF_P
–
P_DIFF_IN = measured pressure - REF_P
After the first conversion, the AUTOZERO bit is automatically set to '0'. To return back to
normal mode, RESET_AZ bit has to be set to '1'. This resets also the content of the REF_P
registers.
If the AUTORIFP bit is set to '1', the measured pressure is used as the reference in the
register REF_P (15h, 16h and 17h). From that point on, the value used for the interrupt
generation is the following:
–
P_DIFF_IN = measured pressure - REF_P
The output registers PRESS_OUT (28h, 29h and 2Ah) show the difference between the
measured pressure and the content of the RPDS registers (18h and 19h):
–
PRESS_OUT = measured pressure - RPDS
After the first conversion, AUTORIFP bit is automatically set to '0'. To return back to normal
mode, the RESET_ARP bit has to be set to '1'.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com