Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F334 Datasheet(PDF) 53 Page - STMicroelectronics

Part # STM32F334
Description  ARMCortex-M4 32b MCUFPU,up to 64KB Flash,16KB SRAM, 2 ADCs,3 DACs,3 comp.,op-amp, 217ps 10-ch (HRTIM1)
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F334 Datasheet(HTML) 53 Page - STMicroelectronics

Back Button STM32F334 Datasheet HTML 49Page - STMicroelectronics STM32F334 Datasheet HTML 50Page - STMicroelectronics STM32F334 Datasheet HTML 51Page - STMicroelectronics STM32F334 Datasheet HTML 52Page - STMicroelectronics STM32F334 Datasheet HTML 53Page - STMicroelectronics STM32F334 Datasheet HTML 54Page - STMicroelectronics STM32F334 Datasheet HTML 55Page - STMicroelectronics STM32F334 Datasheet HTML 56Page - STMicroelectronics STM32F334 Datasheet HTML 57Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 115 page
background image
DocID025409 Rev 5
53/115
STM32F334x4 STM32F334x6 STM32F334x8
Electrical characteristics
100
Table 25. Typical and maximum current consumption from VDD supply at VDD = 3.6V
Symbol Parameter Conditions
fHCLK
All peripherals enabled
All peripherals disabled
Unit
Typ.
Max. @ TA(1)
Typ.
Max. @ TA(1)
25 °C 85 °C 105 °C
25 °C 85 °C 105 °C
IDD
Supply
current in
Run mode,
executing
from Flash
External
clock (HSE
bypass)
72 MHz 71.4
77.9
79.1
80.0
27.1
32.2
32.4
32.4
mA
64 MHz 63.9
70.6
71.3
71.5
24.2
27.0
27.5
27.7
48 MHz 49.5
56.6
57.1
57.7
18.7
21.4
21.6
21.9
32 MHz 34.0
38.6
38.9
39.2
12.9
14.6
14.9
15.9
24 MHz 25.9
30.2
30.4
30.6
10.0
11.1
11.2
12.3
8 MHz
9.3
14.1
14.3
14.4
3.3
4.0
4.4
5.1
1 MHz
3.5
8.9
9.1
9.5
0.7
0.9
1.0
1.2
Internal
clock (HSI)
64 MHz 61.6
68.1
68.8
70.1
24.1
27.0
27.1
27.2
48 MHz 48.1
54.6
54.8
55.1
18.6
21.6
21.7
21.9
32 MHz 33.3
37.8
37.9
38.0
12.7
14.4
14.9
16.0
24 MHz 25.7
29.8
29.8
30.0
10.0
11.1
11.2
12.3
8 MHz
9.7
12.2
12.3
12.8
3.4
3.8
4.2
5.0
Supply
current in
Run mode,
executing
from RAM
External
clock (HSE
bypass)
72 MHz 71.3 77.8(2) 78.7
78.9(2) 27.6 32.1(2)
32.2
32.3(2)
64 MHz 63.8
70.5
70.7
70.9
24.5
27.2
27.6
27.7
48 MHz 49.3
56.5
56.9
57.4
18.1
21.6
21.8
21.8
32 MHz 33.9
37.7
37.9
38.0
12.9
14.9
14.9
15.9
24 MHz 25.8
28.8
29.0
29.2
9.8
11.1
11.3
11.5
8 MHz
9.0
13.2
13.3
13.8
3.2
3.6
4.0
4.6
1 MHz
3.2
7.6
7.8
8.0
0.3
0.4
0.8
1.2
Internal
clock (HSI)
64 MHz 61.3
66.9
67.3
67.8
24.1
26.9
27.0
27.1
48 MHz 48.0
52.4
52.6
53.1
19.1
21.6
21.6
22.1
32 MHz 33.1
35.6
35.8
36.6
12.6
14.8
14.9
15.9
24 MHz 25.6
28.5
28.7
28.8
9.8
11.1
11.3
11.5
8 MHz
9.7
11.6
11.6
11.7
3.0
3.1
4.1
4.7
IDD
Supply
current in
Sleep
mode,
executing
from Flash
or RAM
External
clock (HSE
bypass)
72 MHz 55.5 58.7(2) 61.1
61.9(2)
7.0
7.3(2)
8.4
8.5(2)
mA
64 MHz 49.8
52.7
54.5
54.8
6.3
6.7
7.0
7.8
48 MHz 38.5
40.6
41.7
41.8
4.6
5.1
5.6
5.9
32 MHz 26.9
28.8
29.2
29.5
3.0
3.3
4.0
4.5
24 MHz 19.1
23.2
23.7
23.9
2.4
2.5
3.2
3.8
8 MHz
7.1
11.5
11.7
11.9
0.6
0.9
1.2
2.1
1 MHz
3.0
7.4
7.7
7.9
0.3
0.3
0.4
1.2
Internal
clock (HSI)
64 MHz 47.7
52.4
52.6
52.8
5.4
6.5
6.8
7.5
48 MHz 35.0
40.4
40.6
40.8
4.3
4.7
5.2
5.7
32 MHz 23.7
27.7
28.3
28.8
2.9
3.1
3.2
4.4
24 MHz 18.5
23.8
24.0
24.2
1.3
1.7
2.2
2.7
8 MHz
7.5
9.6
9.7
9.7
0.5
0.7
1.1
2.0
1. Data based on characterization results, not tested in production unless otherwise specified.
2. Data based on characterization results and tested in production with code executing from RAM.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com