Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F334 Datasheet(PDF) 95 Page - STMicroelectronics

Part # STM32F334
Description  ARMCortex-M4 32b MCUFPU,up to 64KB Flash,16KB SRAM, 2 ADCs,3 DACs,3 comp.,op-amp, 217ps 10-ch (HRTIM1)
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F334 Datasheet(HTML) 95 Page - STMicroelectronics

Back Button STM32F334 Datasheet HTML 91Page - STMicroelectronics STM32F334 Datasheet HTML 92Page - STMicroelectronics STM32F334 Datasheet HTML 93Page - STMicroelectronics STM32F334 Datasheet HTML 94Page - STMicroelectronics STM32F334 Datasheet HTML 95Page - STMicroelectronics STM32F334 Datasheet HTML 96Page - STMicroelectronics STM32F334 Datasheet HTML 97Page - STMicroelectronics STM32F334 Datasheet HTML 98Page - STMicroelectronics STM32F334 Datasheet HTML 99Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 115 page
background image
DocID025409 Rev 5
95/115
STM32F334x4 STM32F334x6 STM32F334x8
Electrical characteristics
100
DNL(3)
Differential non linearity
Difference between two
consecutive code-1LSB)
Given for a 10-bit input code
DAC1 channel 1
--
±0.5
LSB
Given for a 12-bit input code
DAC1 channel 1
--
±2
LSB
Given for a 10-bit input code
DAC1 channel 2 & DAC2 channel 1
--
-0.75/+0.25 LSB
Given for a 12-bit input code
DAC1 channel 2 & DAC2 channel 1
--
-3/+1
LSB
INL(3)
Integral non linearity
(difference between
measured value at Code i
and the value at Code i on a
line drawn between Code 0
and last Code 4095)
Given for a 10-bit input code
-
-
±1
LSB
Given for a 12-bit input code
-
-
±4
LSB
Offset(3)
Offset error
(difference between
measured value at Code
(0x800) and the ideal value
= VDDA/2)
--
-
±10
mV
Given for a 10-bit input code at
VDDA = 3.6 V
--
±3
LSB
Given for a 12-bit input code
-
-
±12
LSB
Gain
error(3)
Gain error
Given for a 12-bit input code
-
-
±0.5
%
tSETTLING(3
)
Settling time (full scale: for
a 12-bit input code
transition between the
lowest and the highest input
codes when DAC_OUT
reaches final value ±1LSB
CLOAD ≤ 50 pF, RLOAD ≥ 5 kΩ
-3
4
µs
Update
rate(3)
Max frequency for a correct
DAC_OUT change when
small variation in the input
code (from code i to
i+1LSB)
CLOAD ≤ 50 pF, RLOAD ≥ 5 kΩ
--
1
MS/
s
Iskink
Output sink current
DAC buffer ON
Output level higher than 0.2 V
100
-
-
µA
tWAKEUP(3)
Wakeup time from off state
(Setting the ENx bit in the
DAC Control register)
CLOAD ≤ 50 pF, RLOAD ≥ 5 kΩ
-6.5
10
µs
PSRR+ (1)
Power supply rejection ratio
(to VDDA) (static DC
measurement
No RLOAD, CLOAD = 50 pF
-
–67
–40
dB
1. Guaranteed by design, not tested in production.
2. Quiescent mode refers to the state of the DAC a keeping steady value on the output, so no dynamic consumption is
involved.
3. Data based on characterization results, not tested in production.
Table 69. DAC characteristics (continued)
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com