Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F334 Datasheet(PDF) 51 Page - STMicroelectronics

Part # STM32F334
Description  ARMCortex-M4 32b MCUFPU,up to 64KB Flash,16KB SRAM, 2 ADCs,3 DACs,3 comp.,op-amp, 217ps 10-ch (HRTIM1)
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F334 Datasheet(HTML) 51 Page - STMicroelectronics

Back Button STM32F334 Datasheet HTML 47Page - STMicroelectronics STM32F334 Datasheet HTML 48Page - STMicroelectronics STM32F334 Datasheet HTML 49Page - STMicroelectronics STM32F334 Datasheet HTML 50Page - STMicroelectronics STM32F334 Datasheet HTML 51Page - STMicroelectronics STM32F334 Datasheet HTML 52Page - STMicroelectronics STM32F334 Datasheet HTML 53Page - STMicroelectronics STM32F334 Datasheet HTML 54Page - STMicroelectronics STM32F334 Datasheet HTML 55Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 115 page
background image
DocID025409 Rev 5
51/115
STM32F334x4 STM32F334x6 STM32F334x8
Electrical characteristics
100
6.3.4
Embedded reference voltage
The parameters given in Table 23 are derived from tests performed under ambient
temperature and VDD supply voltage conditions summarized in Table 19.
Table 22. Programmable voltage detector characteristics
Symbol
Parameter
Conditions
Min.(1)
1. Data based on characterization results only, not tested in production.
Typ.
Max.(1)
Unit
VPVD0
PVD threshold 0
Rising edge
2.1
2.18
2.26
V
Falling edge
2
2.08
2.16
VPVD1
PVD threshold 1
Rising edge
2.19
2.28
2.37
Falling edge
2.09
2.18
2.27
VPVD2
PVD threshold 2
Rising edge
2.28
2.38
2.48
Falling edge
2.18
2.28
2.38
VPVD3
PVD threshold 3
Rising edge
2.38
2.48
2.58
Falling edge
2.28
2.38
2.48
VPVD4
PVD threshold 4
Rising edge
2.47
2.58
2.69
Falling edge
2.37
2.48
2.59
VPVD5
PVD threshold 5
Rising edge
2.57
2.68
2.79
Falling edge
2.47
2.58
2.69
VPVD6
PVD threshold 6
Rising edge
2.66
2.78
2.9
Falling edge
2.56
2.68
2.8
VPVD7
PVD threshold 7
Rising edge
2.76
2.88
3
Falling edge
2.66
2.78
2.9
VPVDhyst(2)
2. Guaranteed by design, not tested in production.
PVD hysteresis
-
-
100
-
mV
IDD(PVD)
PVD current
consumption
-
-
0.15
0.26
µA
Table 23. Embedded internal reference voltage
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
VREFINT
Internal reference voltage –40 °C < TA < +105 °C 1.20
1.23
1.25
V
TS_vrefint
ADC sampling time when
reading the internal
reference voltage
-2.2
-
-
µs
VRERINT
Internal reference voltage
spread over the
temperature range
VDD = 31.8 V ±10 mV
-
-
10(1)
1. Guaranteed by design, not tested in production.
mV
TCoeff
Temperature coefficient
-
-
-
100(1) ppm/°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com