Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F334 Datasheet(PDF) 27 Page - STMicroelectronics

Part # STM32F334
Description  ARMCortex-M4 32b MCUFPU,up to 64KB Flash,16KB SRAM, 2 ADCs,3 DACs,3 comp.,op-amp, 217ps 10-ch (HRTIM1)
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F334 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button STM32F334 Datasheet HTML 23Page - STMicroelectronics STM32F334 Datasheet HTML 24Page - STMicroelectronics STM32F334 Datasheet HTML 25Page - STMicroelectronics STM32F334 Datasheet HTML 26Page - STMicroelectronics STM32F334 Datasheet HTML 27Page - STMicroelectronics STM32F334 Datasheet HTML 28Page - STMicroelectronics STM32F334 Datasheet HTML 29Page - STMicroelectronics STM32F334 Datasheet HTML 30Page - STMicroelectronics STM32F334 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 115 page
background image
DocID025409 Rev 5
27/115
STM32F334x4 STM32F334x6 STM32F334x8
Functional overview
43
3.16.2
Universal synchronous / asynchronous
receivers / transmitters (USARTs)
The STM32F334x4/6/8 devices have three embedded universal synchronous
receivers/transmitters (USART1, USART2 and USART3).
The USART interfaces are able to communicate at speeds of up to 9 Mbits/s.
USART1 provides hardware management of the CTS and RTS signals. It supports IrDA SIR
ENDEC, the multiprocessor communication mode, the single-wire half-duplex
communication mode and has LIN Master/Slave capability.
All USART interfaces can be served by the DMA controller.
The features available in the USART interfaces are showed below inTable 8.
3.16.3
Serial peripheral interface (SPI)
A SPI interface allows to communicate up to 18 Mbits/s in slave and master modes in full-
duplex and simplex communication modes. The 3-bit prescaler gives 8 master mode
frequencies and the frame size is configurable from 4 bits to 16 bits.
The features available in SPI1 are showed below inTable 9.
Table 8. USART features
USART modes/features(1)
1. X = supported.
USART1
USART2
USART3
Hardware flow control for modem
X
X
Continuous communication using DMA
X
X
Multiprocessor communication
X
X
Synchronous mode
X
X
Smartcard mode
X
-
Single-wire half-duplex communication
X
X
IrDA SIR ENDEC block
X
-
LIN mode
X
-
Dual clock domain and wakeup from Stop mode
X
-
Receiver timeout interrupt
X
-
Modbus communication
X
-
Auto baud rate detection
X
-
Driver Enable
X
X
Table 9. STM32F334x4/6/8 SPI implementation
SPI features(1)
SPI1
Hardware CRC calculation
X
Rx/Tx FIFO
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com