Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F334 Datasheet(PDF) 81 Page - STMicroelectronics

Part # STM32F334
Description  ARMCortex-M4 32b MCUFPU,up to 64KB Flash,16KB SRAM, 2 ADCs,3 DACs,3 comp.,op-amp, 217ps 10-ch (HRTIM1)
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F334 Datasheet(HTML) 81 Page - STMicroelectronics

Back Button STM32F334 Datasheet HTML 77Page - STMicroelectronics STM32F334 Datasheet HTML 78Page - STMicroelectronics STM32F334 Datasheet HTML 79Page - STMicroelectronics STM32F334 Datasheet HTML 80Page - STMicroelectronics STM32F334 Datasheet HTML 81Page - STMicroelectronics STM32F334 Datasheet HTML 82Page - STMicroelectronics STM32F334 Datasheet HTML 83Page - STMicroelectronics STM32F334 Datasheet HTML 84Page - STMicroelectronics STM32F334 Datasheet HTML 85Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 115 page
background image
DocID025409 Rev 5
81/115
STM32F334x4 STM32F334x6 STM32F334x8
Electrical characteristics
100
Table 57. HRTIM output response to external events 1 to 10 (Synchronous mode (1))
Symbol
Parameter
Conditions
Min.
Typ.
Max.
(2)
Unit
TPROP(HRTI
M)
External event response
latency in HRTIM
HRTIM internal propagation delay (3)
6-
7
tHRTIM
tLAT(DEEV)
Digital external event
response latency
Propagation delay from HRTIM1_EEVx
digital input to HRTIM_CHxy output pin
(30pF load) (4)
-61
72
ns
tLAT(AEEV)
Analog external event
response latency
Propagation delay from COMPx_INP
input pin to HRTIM_CHxy output pin
(30pF load) (4)
-81
94
ns
tW(FLT)
Minimum external event
pulse width
-
12.5
-
-
ns
TJIT(EEV)
External event response
jitter
Jitter of the delay from HRTIM1_EEVx
digital input or COMPx_INP to
HRTIM_CHxy output pin
--1
tHRTIM
(5)
TJIT(PW)
Jitter on output pulse width
in response to an external
event
-
--0
tHRTIM
(5)
1. EExFAST bit in HRTIM_EECR1 or HRTIM_EECR2 register is cleared (synchronous mode). External event filtering is
disabled, i.e. EExF[3:0]=0000 in HRTIM_EECR2 register. Refer to Latency to external events paragraph in HRTIM section
of RM0364.
2. Data based on characterization results, not tested in production.
3. This parameter does not take into account latency introduced by GPIO or comparator. Refer to DEERL or SACRL
parameter for complete latency.
4. This parameter is given for fHRTIM = 144 MHz.
5. THRTIM = 1 / fHRTIM with fHRTIM= 144 MHz or fHRTIM = 128 MHZ depending on the clock controller configuration. (Refer to
Reset and clock control section in RM0364.)
Table 58. HRTIM synchronization input / output(1)
1. Guaranteed by design, not tested in production.
Symbol
Parameter
Conditions
Min. Typ. Max.
Unit
tW(SYNCI
N)
Minimum pulse width on
SYNCIN inputs,
including
HRTIM1_SCIN
-2
-
-
tHRTIM
tLAT(DF)
Response time to
external
synchronization request
--
-
1
tHRTIM
tLAT(AF)
Pulse width on
HRTIM1_SCOUT
output
--
16
-
tHRTIM
fHRTIM=144 MHz
-
111.1
-
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com