Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F334 Datasheet(PDF) 43 Page - STMicroelectronics

Part # STM32F334
Description  ARMCortex-M4 32b MCUFPU,up to 64KB Flash,16KB SRAM, 2 ADCs,3 DACs,3 comp.,op-amp, 217ps 10-ch (HRTIM1)
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F334 Datasheet(HTML) 43 Page - STMicroelectronics

Back Button STM32F334 Datasheet HTML 39Page - STMicroelectronics STM32F334 Datasheet HTML 40Page - STMicroelectronics STM32F334 Datasheet HTML 41Page - STMicroelectronics STM32F334 Datasheet HTML 42Page - STMicroelectronics STM32F334 Datasheet HTML 43Page - STMicroelectronics STM32F334 Datasheet HTML 44Page - STMicroelectronics STM32F334 Datasheet HTML 45Page - STMicroelectronics STM32F334 Datasheet HTML 46Page - STMicroelectronics STM32F334 Datasheet HTML 47Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 115 page
background image
DocID025409 Rev 5
43/115
STM32F334x4 STM32F334x6 STM32F334x8
Memory mapping
43
APB1
0x4000 9800 - 0x4000 9BFF
1 K
DAC2
0x4000 7800 - 0x4000 97FF
8 K
Reserved
0x4000 7400 - 0x4000 77FF
1 K
DAC1
0x4000 7000 - 0x4000 73FF
1 K
PWR
0x4000 6800 - 0x4000 6FFF
2 K
Reserved
0x4000 6400 - 0x4000 67FF
1 K
bxCAN
0x4000 5800 - 0x4000 63FF
3 K
Reserved
0x4000 5400 - 0x4000 57FF
1 K
I2C1
0x4000 4C00 - 0x4000 53FF
2 K
Reserved
0x4000 4800 - 0x4000 4BFF
1 K
USART3
0x4000 4400 - 0x4000 47FF
1 K
USART2
0x4000 3400 - 0x4000 43FF
2 K
Reserved
0x4000 3000 - 0x4000 33FF
1 K
IWDG
0x4000 2C00 - 0x4000 2FFF
1 K
WWDG
0x4000 2800 - 0x4000 2BFF
1 K
RTC
0x4000 1800 - 0x4000 27FF
4 K
Reserved
0x4000 1400 - 0x4000 17FF
1 K
TIM7
0x4000 1000 - 0x4000 13FF
1 K
TIM6
0x4000 0800 - 0x4000 0FFF
2 K
Reserved
0x4000 0400 - 0x4000 07FF
1 K
TIM3
0x4000 0000 - 0x4000 03FF
1 K
TIM2
-
0x2000 3000 - 3FFF FFFF
~512 M
Reserved
-
0x2000 0000 - 0x2000 2FFF
12 K
SRAM
-
0x1FFF F800 - 0x1FFF FFFF
2 K
Option bytes
-
0x1FFF D800 - 0x1FFF F7FF
8 K
System memory
-
0x1000 2000 - 0x1FFF D7FF
~256 M
Reserved
-
0x1000 0000 - 0x1000 0FFF
4 K
CCM RAM
-
0x0804 0000 - 0x0FFF FFFF
~128 M
Reserved
-
0x0800 0000 - 0x0800 FFFF
64 K
Main Flash memory
-
0x0004 0000 - 0x07FF FFFF
~128 M
Reserved
-
0x0000 000 - 0x0000 FFFF
64 K
Main Flash memory, system
memory or SRAM depending
on BOOT configuration
Table 15. STM32F334x4/6/8 peripheral register boundary addresses (continued)
Bus
Boundary address
Size
(bytes)
Peripheral



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com