Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F334 Datasheet(PDF) 80 Page - STMicroelectronics

Part # STM32F334
Description  ARMCortex-M4 32b MCUFPU,up to 64KB Flash,16KB SRAM, 2 ADCs,3 DACs,3 comp.,op-amp, 217ps 10-ch (HRTIM1)
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F334 Datasheet(HTML) 80 Page - STMicroelectronics

Back Button STM32F334 Datasheet HTML 76Page - STMicroelectronics STM32F334 Datasheet HTML 77Page - STMicroelectronics STM32F334 Datasheet HTML 78Page - STMicroelectronics STM32F334 Datasheet HTML 79Page - STMicroelectronics STM32F334 Datasheet HTML 80Page - STMicroelectronics STM32F334 Datasheet HTML 81Page - STMicroelectronics STM32F334 Datasheet HTML 82Page - STMicroelectronics STM32F334 Datasheet HTML 83Page - STMicroelectronics STM32F334 Datasheet HTML 84Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 115 page
background image
Electrical characteristics
STM32F334x4 STM32F334x6 STM32F334x8
80/115
DocID025409 Rev 5
Table 55. HRTIM output response to fault protection(1)
1. Refer to Fault paragraph in HRTIM section of RM0364.
Symbol
Parameter
Conditions
Min
Typ.
Max.
(2)
2. Data based on characterization results, not tested in production.
Unit
tLAT(DF)
Digital fault response
latency
Propagation delay from
HRTIM1_FLTx digital input to
HRTIM_CHxy output pin
-12
25
ns
tW(FLT)
Minimum Fault pulse
width
-
12.5
-
-
tLAT(AF)
Analog fault response
latency
Propagation delay from
comparator COMPx_INP input
pin to HRTIM_CHxy output pin
-25
43
Table 56. HRTIM output response to external events 1 to 5 (Low-Latency mode(1))
1. EExFAST bit in HRTIM_EECR1 register is set (Low Latency mode). This functionality is available on
external events channels 1 to 5. Refer to Latency to external events paragraph in HRTIM section of
RM0364.
Symbol
Parameter
Conditions
Min Typ.
Max
.(2)
2. Data based on characterization results, not tested in production.
Unit
tLAT(DEEV)
Digital external event
response latency
Propagation delay from
HRTIM1_EEVx digital input to
HRTIM_CHxy output pin (30pF
load)
-12
25
ns
tW(FLT)
Minimum external
event pulse width
-12.5
-
-
ns
tLAT(AEEV)
Analog external event
response latency
Propagation delay from
comparator COMPx_INP input pin
to HRTIM_CHxy output pin (30pF
load)
-25
43
ns
TJIT(EEV)
External event
response jitter
Jitter of the delay from
HRTIM1_EEVx digital input or
COMPx_INP input pin to
HRTIM_CHxy output pin
--
0
tHRTIM(3)
3. THRTIM = 1 / fHRTIM with fHRTIM= 144 MHz or fHRTIM = 128 MHZ depending on the clock controller
configuration. (Refer to Reset and clock control section in RM0364.)
TJIT(PW)
Jitter on output pulse
width in response to
an external event
--
-
1
tHRTIM(3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com