Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F334 Datasheet(PDF) 38 Page - STMicroelectronics

Part # STM32F334
Description  ARMCortex-M4 32b MCUFPU,up to 64KB Flash,16KB SRAM, 2 ADCs,3 DACs,3 comp.,op-amp, 217ps 10-ch (HRTIM1)
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F334 Datasheet(HTML) 38 Page - STMicroelectronics

Back Button STM32F334 Datasheet HTML 34Page - STMicroelectronics STM32F334 Datasheet HTML 35Page - STMicroelectronics STM32F334 Datasheet HTML 36Page - STMicroelectronics STM32F334 Datasheet HTML 37Page - STMicroelectronics STM32F334 Datasheet HTML 38Page - STMicroelectronics STM32F334 Datasheet HTML 39Page - STMicroelectronics STM32F334 Datasheet HTML 40Page - STMicroelectronics STM32F334 Datasheet HTML 41Page - STMicroelectronics STM32F334 Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 115 page
background image
Pinout and pin descriptions
STM32F334x4 STM32F334x6 STM32F334x8
38/115
DocID025409 Rev 5
28
41
57
PB5
I/O
FT
TIM16_BKIN,
TIM3_CH2,
I2C1_SMBA,
SPI1_MOSI,
USART2_CK,
TIM17_CH1,
HRTIM1_EEV6,
EVENTOUT
-
29
42
58
PB6
I/O
FTf
TIM16_CH1N,
TSC_G5_IO3,
I2C1_SCL,
USART1_TX,
HRTIM1_SCIN,
HRTIM1_EEV4,
EVENTOUT
-
30
43
59
PB7
I/O
FTf
TIM17_CH1N,
TSC_G5_IO4,
I2C1_SDA,
USART1_RX,
TIM3_CH4,
HRTIM1_EEV3,
EVENTOUT
-
31
44
60
BOOT0
I
B
-
-
-
45
61
PB8
I/O
FTf
TIM16_CH1,
TSC_SYNC, I2C1_SCL,
USART3_RX, CAN_RX,
TIM1_BKIN,
HRTIM1_EEV8,
EVENTOUT
-
-
46
62
PB9
I/O
FTf
TIM17_CH1, I2C1_SDA,
IR_OUT, USART3_TX,
COMP2_OUT, CAN_TX,
HRTIM1_EEV5,
EVENTOUT
-
32
47
63
VSS
S
-
-
-
148
64
VDD
S
-
-
-
1.
PC13, PC14 and PC15 are supplied through the power switch. Since the switch sinks only a limited amount of current (3 mA), the use of
GPIO PC13 to PC15 in output mode is limited:
- The speed should not exceed 2 MHz with a maximum load of 30 pF
- These GPIOs must not be used as current sources (e.g. to drive an LED).
After the first backup domain power-up, PC13, PC14 and PC15 operate as GPIOs. Their function then depends on the content of the Backup
registers which is not reset by the main reset. For details on how to manage these GPIOs, refer to the Battery backup domain and BKP
register description sections in the reference manual.
2. Fast ADC channel.
3.
These GPIOs offer a reduced touch sensing sensitivity. It is thus recommended to use them as sampling capacitor I/O.
Table 13. STM32F334x4/6/8 pin definitions (continued)
Pin Number
Pin name (function
after reset)
Pin functions
LQFP
32
LQFP
48
LQFP
64
Alternate
functions
Additional functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com