Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F334 Datasheet(PDF) 61 Page - STMicroelectronics

Part # STM32F334
Description  ARMCortex-M4 32b MCUFPU,up to 64KB Flash,16KB SRAM, 2 ADCs,3 DACs,3 comp.,op-amp, 217ps 10-ch (HRTIM1)
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F334 Datasheet(HTML) 61 Page - STMicroelectronics

Back Button STM32F334 Datasheet HTML 57Page - STMicroelectronics STM32F334 Datasheet HTML 58Page - STMicroelectronics STM32F334 Datasheet HTML 59Page - STMicroelectronics STM32F334 Datasheet HTML 60Page - STMicroelectronics STM32F334 Datasheet HTML 61Page - STMicroelectronics STM32F334 Datasheet HTML 62Page - STMicroelectronics STM32F334 Datasheet HTML 63Page - STMicroelectronics STM32F334 Datasheet HTML 64Page - STMicroelectronics STM32F334 Datasheet HTML 65Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 115 page
background image
DocID025409 Rev 5
61/115
STM32F334x4 STM32F334x6 STM32F334x8
Electrical characteristics
100
On-chip peripheral current consumption
The MCU is placed under the following conditions:
•
All I/O pins are in analog input configuration
•
All peripherals are disabled unless otherwise mentioned
•
The given value is calculated by measuring the current consumption:
–
With all peripherals clocked off
–
With only one peripheral clocked on
•
Ambient operating temperature at 25°C and VDD = VDDA = 3.3 V
Table 33. Peripheral current consumption
Peripheral
Typical consumption(1)
Unit
IDD
BusMatrix (2)
11.1
µA/MHz
DMA1
8.0
-
CRC
2.1
-
GPIOA
8.7
-
GPIOB
8.4
-
GPIOC
8.4
-
GPIOD
2.6
-
GPIOF
1.7
-
TSC
4.7
-
ADC1&2
17.4
-
APB2-Bridge (3)
3.3
-
SYSCFG
4.2
-
TIM1
32.3
-
USART1
20.3
-
TIM15
13.8
-
TIM16
9.7
-
TIM17
10.3
-
HRTIM
324.2
-
APB1-Bridge (3)
5.3
-
TIM2
43.4
-
TIM3
34.0
-
TIM6
9.7
-
TIM7
10.3
-
WWDG
6.9
-
USART2
18.8
-
USART3
19.1
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com