Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST25WF010 Datasheet(PDF) 32 Page - Microchip Technology

Part # SST25WF010
Description  512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit 1.8V SPI Serial Flash
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST25WF010 Datasheet(HTML) 32 Page - Microchip Technology

Back Button SST25WF010 Datasheet HTML 28Page - Microchip Technology SST25WF010 Datasheet HTML 29Page - Microchip Technology SST25WF010 Datasheet HTML 30Page - Microchip Technology SST25WF010 Datasheet HTML 31Page - Microchip Technology SST25WF010 Datasheet HTML 32Page - Microchip Technology SST25WF010 Datasheet HTML 33Page - Microchip Technology SST25WF010 Datasheet HTML 34Page - Microchip Technology SST25WF010 Datasheet HTML 35Page - Microchip Technology SST25WF010 Datasheet HTML 36Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 32 / 36 page
background image
©2014 Silicon Storage Technology, Inc.
DS20005016C
11/14
32
512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit 1.8V SPI Serial Flash
SST25WF512 / SST25WF010 / SST25WF020 / SST25WF040
EOL Data Sheet
Product Ordering Information
SST
25
WF
512
-
40
-
5I
-
QAE
XX
XX
XXX
-
XX
-
XX
-
XXX
Environmental Attribute
E1 = non-Pb
F2 = non-Pb / non-Sn contact
(lead) finish:
Nickel plating with Gold top (outer)
layer
Package Modifier
A = 8 leads
Package Type
Q= WSON
S = SOIC 150 mil body width
Temperature Range
I = Industrial = -40°C to +85°C
Minimum Endurance
5 = 100,000 cycles
Operating Frequency
40 = 40 MHz
Device Density
512 = 512 Kbit
010 = 1 Mbit
020 = 2 Mbit
040 = 4 Mbit
Voltage
W= 1.65-1.95V
Product Series
25 = Serial Peripheral Interface
flash memory
1. Environmental suffix “E” denotes non-Pb sol-
der. SST non-Pb solder devices are “RoHS
Compliant”.
2. Environmental suffix “F” denotes non-Pb/
non-SN solder. SST non-Pb/non-Sn solder
devices are “RoHS Compliant”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com