Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST25WF010 Datasheet(PDF) 19 Page - Microchip Technology

Part # SST25WF010
Description  512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit 1.8V SPI Serial Flash
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST25WF010 Datasheet(HTML) 19 Page - Microchip Technology

Back Button SST25WF010 Datasheet HTML 15Page - Microchip Technology SST25WF010 Datasheet HTML 16Page - Microchip Technology SST25WF010 Datasheet HTML 17Page - Microchip Technology SST25WF010 Datasheet HTML 18Page - Microchip Technology SST25WF010 Datasheet HTML 19Page - Microchip Technology SST25WF010 Datasheet HTML 20Page - Microchip Technology SST25WF010 Datasheet HTML 21Page - Microchip Technology SST25WF010 Datasheet HTML 22Page - Microchip Technology SST25WF010 Datasheet HTML 23Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 36 page
background image
©2014 Silicon Storage Technology, Inc.
DS20005016C
11/14
19
512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit 1.8V SPI Serial Flash
SST25WF512 / SST25WF010 / SST25WF020 / SST25WF040
EOL Data Sheet
64-KByte Block-Erase for SST25WF020 and SST25WF040
The Block-Erase instruction clears all bits in the selected 64 KByte block to FFH. A Block-Erase
instruction applied to a protected memory area is ignored. Prior to any Write operation, the Write-Enable
(WREN) instruction must be executed. CE# must remain active low for the duration of any command
sequence. The Block-Erase instruction is initiated by executing an 8-bit command, D8H, followed by
address bits [A23-A0]. Address bits [AMS-A16](AMS = Most Significant Address) are used to determine
block address (BAX), remaining address bits can be VIL or VIH. CE# must be driven high before the instruc-
tion is executed. Poll the Busy bit in the software status register or wait TBE for the completion of the inter-
nal self-timed Block-Erase. See Figure 15 for the Block-Erase sequences.
Figure 15:64-KByte Block-Erase Sequence
Chip-Erase
The Chip-Erase instruction clears all bits in the device to FFH. A Chip-Erase instruction is ignored if
any of the memory area is protected. Prior to any Write operation, the Write-Enable (WREN) instruction must
be executed. CE# must remain active low for the duration of the Chip-Erase instruction sequence. The
Chip-Erase instruction is initiated by executing an 8-bit command, 60H or C7H. CE# must be driven high
before the instruction is executed. The user may poll the Busy bit in the software status register or wait TCE
for the completion of the internal self-timed Chip-Erase cycle. See Figure 16 for the Chip-Erase
sequence.
Figure 16:Chip-Erase Sequence
CE#
SO
SI
SCK
ADDR
01 2 3 4 5 6 7 8
ADDR
ADDR
D8
HIGH IMPEDANCE
15 16
23 24
31
MODE 0
MODE 3
1328 F15.0
MSB
MSB
CE#
SO
SI
SCK
01 2 3 4 5 6 7
60 or C7
HIGH IMPEDANCE
MODE 0
MODE 3
1328 F16.0
MSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com