Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST25WF010 Datasheet(PDF) 13 Page - Microchip Technology

Part # SST25WF010
Description  512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit 1.8V SPI Serial Flash
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST25WF010 Datasheet(HTML) 13 Page - Microchip Technology

Back Button SST25WF010 Datasheet HTML 9Page - Microchip Technology SST25WF010 Datasheet HTML 10Page - Microchip Technology SST25WF010 Datasheet HTML 11Page - Microchip Technology SST25WF010 Datasheet HTML 12Page - Microchip Technology SST25WF010 Datasheet HTML 13Page - Microchip Technology SST25WF010 Datasheet HTML 14Page - Microchip Technology SST25WF010 Datasheet HTML 15Page - Microchip Technology SST25WF010 Datasheet HTML 16Page - Microchip Technology SST25WF010 Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 36 page
background image
©2014 Silicon Storage Technology, Inc.
DS20005016C
11/14
13
512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit 1.8V SPI Serial Flash
SST25WF512 / SST25WF010 / SST25WF020 / SST25WF040
EOL Data Sheet
Read (20 MHz)
The Read instruction, 03H, supports up to 20 MHz Read. The device outputs a data stream starting
from the specified address location. The data stream is continuous through all addresses until termi-
nated by a low-to-high transition on CE#. The internal address pointer automatically increments until
the highest memory address is reached. Once the highest memory address is reached, the address
pointer automatically increments to the beginning (wrap-around) of the address space. For example,
for 2 Mbit density, once the data from the address location 3FFFFH is read, the next output is from
address location 000000H. The Read instruction is initiated by executing an 8-bit command, 03H, fol-
lowed by address bits A23-A0. CE# must remain active low for the duration of the Read cycle. See Fig-
ure 6 for the Read sequence.
Figure 6: Read Sequence
1. One bus cycle is eight clock periods.
2. Address bits above the most significant bit of each density can be VIL or VIH.
3. 4 KByte Sector-Erase addresses: use AMS-A12, remaining addresses are don’t care but must be set either at VIL or VIH.
4. 32 KByte Block-Erase addresses: use AMS-A15, remaining addresses are don’t care but must be set either at VIL or VIH.
5. 64 KByte Block-Erase addresses: use AMS-A16, remaining addresses are don’t care but must be set either at VIL or VIH.
6. To continue programming to the next sequential address location, enter the 8-bit command, ADH, followed by 2 bytes of
data to be programmed. Data Byte 0 will be programmed into the initial address [A23-A1] with A0=0, Data Byte 1 will be
programmed into the
initial address [A23-A1] with A0 =1.
7. The Read-Status-Register is continuous with ongoing clock cycles until terminated by a low to high transition on CE#.
8. Either EWSR or WREN followed by WRSR will write to the Status register. The EWSR-WRSR sequence provides back-
ward compatibility to the SST25VF/LF series. The WREN-WRSR sequence is recommended for new designs.
9. Manufacturer’s ID is read with A0=0, and Device ID is read with A0=1. All other address bits are 00H. The Manufac-
turer’s ID and device ID output stream is continuous until terminated by a low-to-high transition on CE#.
1328 Fx6.0
CE#
SO
SI
SCK
ADD.
01 2 3 4 5 6 7 8
ADD.
ADD.
03
HIGH IMPEDANCE
15 16
23 24
31 32
39 40
70
47
48
55 56
63 64
N+2
N+3
N+4
N
N+1
DOUT
MSB
MSB
MSB
MODE 0
MODE 3
DOUT
DOUT
DOUT
DOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com