Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST25WF010 Datasheet(PDF) 14 Page - Microchip Technology

Part # SST25WF010
Description  512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit 1.8V SPI Serial Flash
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST25WF010 Datasheet(HTML) 14 Page - Microchip Technology

Back Button SST25WF010 Datasheet HTML 10Page - Microchip Technology SST25WF010 Datasheet HTML 11Page - Microchip Technology SST25WF010 Datasheet HTML 12Page - Microchip Technology SST25WF010 Datasheet HTML 13Page - Microchip Technology SST25WF010 Datasheet HTML 14Page - Microchip Technology SST25WF010 Datasheet HTML 15Page - Microchip Technology SST25WF010 Datasheet HTML 16Page - Microchip Technology SST25WF010 Datasheet HTML 17Page - Microchip Technology SST25WF010 Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 36 page
background image
©2014 Silicon Storage Technology, Inc.
DS20005016C
11/14
14
512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit 1.8V SPI Serial Flash
SST25WF512 / SST25WF010 / SST25WF020 / SST25WF040
EOL Data Sheet
High-Speed-Read (40 MHz)
The High-Speed-Read instruction supporting up to 40 MHz Read is initiated by executing an 8-bit com-
mand, 0BH, followed by address bits [A23-A0] and a dummy byte. CE# must remain active low for the
duration of the High-Speed-Read cycle. See Figure 7 for the High-Speed-Read sequence.
Following a dummy cycle, the High-Speed-Read instruction outputs the data starting from the speci-
fied address location. The data output stream is continuous through all addresses until terminated by a
low-to-high transition on CE#. The internal address pointer will automatically increment until the high-
est memory address is reached. Once the highest memory address is reached, the address pointer
will automatically increment to the beginning (wrap-around) of the address space. For example, for 2
Mbit density, once the data from address location 3FFFFH is read, the next output will be from address
location 000000H.
Figure 7: High-Speed-Read Sequence
1328 F07.0
CE#
SO
SI
SCK
ADD.
012 34 5
6 7 8
ADD.
ADD.
0B
HIGH IMPEDANCE
15 16
23 24
31 32
39 40
47 48
55 56
63 64
N+2
N+3
N+4
N
N+1
X
MSB
MODE 0
MODE 3
DOUT
DOUT
DOUT
DOUT
80
71 72
DOUT
MSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com