Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST25WF010 Datasheet(PDF) 9 Page - Microchip Technology

Part # SST25WF010
Description  512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit 1.8V SPI Serial Flash
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST25WF010 Datasheet(HTML) 9 Page - Microchip Technology

Back Button SST25WF010 Datasheet HTML 5Page - Microchip Technology SST25WF010 Datasheet HTML 6Page - Microchip Technology SST25WF010 Datasheet HTML 7Page - Microchip Technology SST25WF010 Datasheet HTML 8Page - Microchip Technology SST25WF010 Datasheet HTML 9Page - Microchip Technology SST25WF010 Datasheet HTML 10Page - Microchip Technology SST25WF010 Datasheet HTML 11Page - Microchip Technology SST25WF010 Datasheet HTML 12Page - Microchip Technology SST25WF010 Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 36 page
background image
©2014 Silicon Storage Technology, Inc.
DS20005016C
11/14
9
512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit 1.8V SPI Serial Flash
SST25WF512 / SST25WF010 / SST25WF020 / SST25WF040
EOL Data Sheet
Auto Address Increment (AAI)
The Auto Address Increment Programming-Status bit provides status on whether the device is in AAI
programming mode or Byte-Program mode. The default at power up is Byte-Program mode.
Block-Protection (BP2, BP1, BP0)
The Block-Protection (BP1, BP0) bits define the size of the memory area to be software protected
against any memory Write (Program or Erase) operation, see Tables 5-7. The Write-Status-Register
(WRSR) instruction is used to program the BP1 and BP0 bits as long as WP# is high or the Block-Pro-
tect-Lock (BPL) bit is ‘0’. Chip-Erase can only be executed if Block-Protection bits are all ‘0’. After
power-up, BP2, BP1, and BP0 are set to defaults. See Table 4 for defaults at power-up.
Block Protection Lock-Down (BPL)
When the WP# pin is driven low (VIL), it enables the Block-Protection-Lock-Down (BPL) bit. When BPL is
set to ‘1’, it prevents any further alteration of the BPL, BP1, and BP0 bits. When the WP# pin is driven high
(VIH), the BPL bit has no effect and its value is ‘Don’t Care’. After power-up, the BPL bit is reset to ‘0’.
Table 5: Software Status Register Block Protection for SST25WF512
Protection Level
Status Register Bit
Protected Memory Address
BP11
1. Default at power-up for BP1 and BP0 is ‘11’.
BP0
512 Kbit
None
0
0
None
1 (Upper Quarter Memory)
0
1
00C000H-00FFFFH
2 (Upper Half Memory)
1
0
008000H-00FFFFH
3 (Full Memory)
1
1
000000H-00FFFFH
T5.1 20005016
Table 6: Software Status Register Block Protection for SST25WF010
Protection Level
Status Register Bit
Protected Memory Address
BP11
1. Default at power-up for BP1 and BP0 is ‘11’.
BP0
1 Mbit
None
0
0
None
1 (Upper Quarter Memory)
0
1
018000H-01FFFFH
2 (Upper Half Memory)
1
0
010000H-01FFFFH
3 (Full Memory)
1
1
000000H-01FFFFH
T6.0 20005016
Table 7: Software Status Register Block Protection for SST25WF020
Protection Level
Status Register Bit
Protected Memory Address
BP11
1. Default at power-up for BP1 and BP0 is ‘11’.
BP0
2 Mbit
None
0
0
None
1 (Upper Quarter Memory)
0
1
030000H-03FFFFH
2 (Upper Half Memory)
1
0
020000H-03FFFFH
3 (Full Memory)
1
1
000000H-03FFFFH
T7.0 20005016



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com