Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST25WF010 Datasheet(PDF) 36 Page - Microchip Technology

Part # SST25WF010
Description  512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit 1.8V SPI Serial Flash
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST25WF010 Datasheet(HTML) 36 Page - Microchip Technology

Back Button SST25WF010 Datasheet HTML 28Page - Microchip Technology SST25WF010 Datasheet HTML 29Page - Microchip Technology SST25WF010 Datasheet HTML 30Page - Microchip Technology SST25WF010 Datasheet HTML 31Page - Microchip Technology SST25WF010 Datasheet HTML 32Page - Microchip Technology SST25WF010 Datasheet HTML 33Page - Microchip Technology SST25WF010 Datasheet HTML 34Page - Microchip Technology SST25WF010 Datasheet HTML 35Page - Microchip Technology SST25WF010 Datasheet HTML 36Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 36 / 36 page
background image
©2014 Silicon Storage Technology, Inc.
DS20005016C
11/14
36
512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit 1.8V SPI Serial Flash
SST25WF512 / SST25WF010 / SST25WF020 / SST25WF040
EOL Data Sheet
02
•
Added SST25WF040 product to this data sheet
•
Changed 01/02/03 in Figure 21 to Byte 3 and revised note.
•
Updated ILO and ILI values in Table 16
•
Updated TCPH values in Table 19
Aug 2007
03
•
Corrected heading typo throughout
•
Modified Table 8 on page 10
Oct 2007
04
•
Updated Power Consumption Specs in Features on page 1 and in Table
16 on page 25
•
Changed Standby Current to 2 µA in Features
•
Edited Table 16, “DC Operating Characteristics,” on page 28
IDDR2 Typ 4 mA and ISB Typ/Max 2/8 µA
May 2008
05
•
Changed document status from Preliminary Specification to Data sheet
Aug 2008
06
•
Added information for QAE package.
Aug 2009
07
•
Revised footnote for Table 13, “Operating Range,” on page 25
Sep 2009
08
•
Added valid combination SST25WF040-40-5I-QAE
Nov 2009
A
•
Applied new document format
•
Released document under letter revision system
•
Updated spec S71328 to DS25016
Jun 2011
B
•
Added “Not recommended for new designs” note at the top of page 1.
Jul 2012
C
•
Marked the document Obsolete.
Nov 2014
Table 20: Revision History (Continued)
Number
•
Description
Date
© 2014 Microchip Technology Inc.
SST, Silicon Storage Technology, the SST logo, SuperFlash, and MTP are registered trademarks of Microchip Technology, Inc.
MPF, SQI, Serial Quad I/O, and Z-Scale are trademarks of Microchip Technology, Inc. All other trademarks and registered trade-
marks mentioned herein are the property of their respective owners.
Specifications are subject to change without notice. Refer to www.microchip.com for the most recent documentation. For the most current
package drawings, please see the Packaging Specification located at http://www.microchip.com/packaging.
Memory sizes denote raw storage capacity; actual usable capacity may be less.
Microchip makes no warranty for the use of its products other than those expressly contained in the Standard Terms and Conditions
of Sale.
For sales office locations and information, please see www.microchip.com.
www.microchip.com
ISBN:978-1-63276-794-3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com