Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST25WF010 Datasheet(PDF) 12 Page - Microchip Technology

Part # SST25WF010
Description  512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit 1.8V SPI Serial Flash
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST25WF010 Datasheet(HTML) 12 Page - Microchip Technology

Back Button SST25WF010 Datasheet HTML 8Page - Microchip Technology SST25WF010 Datasheet HTML 9Page - Microchip Technology SST25WF010 Datasheet HTML 10Page - Microchip Technology SST25WF010 Datasheet HTML 11Page - Microchip Technology SST25WF010 Datasheet HTML 12Page - Microchip Technology SST25WF010 Datasheet HTML 13Page - Microchip Technology SST25WF010 Datasheet HTML 14Page - Microchip Technology SST25WF010 Datasheet HTML 15Page - Microchip Technology SST25WF010 Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 36 page
background image
©2014 Silicon Storage Technology, Inc.
DS20005016C
11/14
12
512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit 1.8V SPI Serial Flash
SST25WF512 / SST25WF010 / SST25WF020 / SST25WF040
EOL Data Sheet
1. One bus cycle is eight clock periods.
2. Address bits above the most significant bit of each density can be VIL or VIH.
3. 4 KByte Sector-Erase addresses: use AMS-A12, remaining addresses are don’t care but must be set either at VIL or VIH.
4. 32 KByte Block-Erase addresses: use AMS-A15, remaining addresses are don’t care but must be set either at VIL or VIH.
5. To continue programming to the next sequential address location, enter the 8-bit command, ADH, followed by 2 bytes of
data to be programmed. Data Byte 0 will be programmed into the initial address [A23-A1] with A0=0, Data Byte 1 will be
programmed into the
initial address [A23-A1] with A0 =1.
6. The Read-Status-Register is continuous with ongoing clock cycles until terminated by a low to high transition on CE#.
7. Either EWSR or WREN followed by WRSR will write to the Status register. The EWSR-WRSR sequence provides back-
ward compatibility to the SST25VF/LF series. The WREN-WRSR sequence is recommended for new designs.
8. Manufacturer’s ID is read with A0=0, and Device ID is read with A0=1. All other address bits are 00H. The Manufac-
turer’s ID and device ID output stream is continuous until terminated by a low-to-high transition on CE#.
Table 10: Device Operation Instructions for SST25WF020 AND SST25WF040
Instruction
Description
Op Code Cycle1
Address
Cycle(s)2
Dummy
Cycle(s)
Data
Cycle(s)
Maximum
Frequency
Read
Read Memory
0000 0011b (03H)
3
0
1 to
20 MHz
High-Speed Read Read Memory at Higher
Speed
0000 1011b (0BH)
3
1
1 to
40 MHz
4 KByte Sector-
Erase3
Erase 4 KByte of memory
array
0010 0000b (20H)
3
0
0
32 KByte Block-
Erase4
Erase 32 KByte block
of memory array
0101 0010b (52H)
3
0
0
64 KByte Block-
Erase5
Erase 64 KByte block
of memory array
1101 1000b (D8H)
3
0
0
Chip-Erase
Erase Full Memory Array
0110 0000b (60H)
or
1100 0111b (C7H)
00
0
Byte-Program
To Program One Data Byte
0000 0010b (02H)
3
0
1
AAI-Word-Pro-
gram6
Auto Address Increment
Programming
1010 1101b (ADH)
3
0
2 to
RDSR7
Read-Status-Register
0000 0101b (05H)
0
0
1 to
EWSR8
Enable-Write-Status-Regis-
ter
0110 0000b (50H)
0
0
0
WRSR
Write-Status-Register
0000 0001b (01H)
0
0
1
WREN8
Write-Enable
0000 0110b (06H)
0
0
0
WRDI
Write-Disable
0000 0100b (04H)
0
0
0
RDID9
Read-ID
1001 0000b (90H)
or
1010 1011b (ABH)
30
1 to
EBSY
Enable SO to output RY/
BY# status during AAI pro-
gramming
0111 0000b (70H)
0
0
0
DBSY
Disable SO to output RY/
BY# status during AAI pro-
gramming
1000 0000b (80H)
0
0
0
JEDEC-ID
JEDEC ID read
1001 1111b (9FH)
0
0
3 to
EHLD
Enable HOLD# pin function-
ality of the RST#/HOLD# pin
1010 1010b (AAH)
0
0
0
T10.0
20005016



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com