Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST25WF010 Datasheet(PDF) 11 Page - Microchip Technology

Part # SST25WF010
Description  512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit 1.8V SPI Serial Flash
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST25WF010 Datasheet(HTML) 11 Page - Microchip Technology

Back Button SST25WF010 Datasheet HTML 7Page - Microchip Technology SST25WF010 Datasheet HTML 8Page - Microchip Technology SST25WF010 Datasheet HTML 9Page - Microchip Technology SST25WF010 Datasheet HTML 10Page - Microchip Technology SST25WF010 Datasheet HTML 11Page - Microchip Technology SST25WF010 Datasheet HTML 12Page - Microchip Technology SST25WF010 Datasheet HTML 13Page - Microchip Technology SST25WF010 Datasheet HTML 14Page - Microchip Technology SST25WF010 Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
©2014 Silicon Storage Technology, Inc.
DS20005016C
11/14
11
512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit 1.8V SPI Serial Flash
SST25WF512 / SST25WF010 / SST25WF020 / SST25WF040
EOL Data Sheet
Instructions
Instructions are used to read, write (Erase and Program), and configure the SST25WF512/010/020/
040. The instruction bus cycles are 8 bits each for commands (Op Code), data, and addresses. The
Write-Enable (WREN) instruction must be executed prior to Byte-Program, Auto Address Increment
(AAI) programming, Sector-Erase, Block-Erase, Write-Status-Register, or Chip-Erase instructions. The
complete instructions are provided in Tables 9 and 10. All instructions are synchronized off a high-to-
low transition of CE#. Inputs will be accepted on the rising edge of SCK starting with the most signifi-
cant bit. CE# must be driven low before an instruction is entered and must be driven high after the last
bit of the instruction has been shifted in (except for Read, Read-ID, and Read-Status-Register instruc-
tions). Any low-to-high transition on CE#, before receiving the last bit of an instruction bus cycle, will
terminate the instruction in progress and return the device to standby mode. Instruction commands
(Op Code), addresses, and data are all input from the most significant bit (MSB) first.
Table 9: Device Operation Instructions for SST25WF512 and SST25WF010
Instruction
Description
Op Code Cycle1
Address
Cycle(s)2
Dummy
Cycle(s)
Data
Cycle(s)
Maximum
Frequency
Read
Read Memory
0000 0011b (03H)
3
0
1 to
20 MHz
High-Speed Read
Read Memory at Higher
Speed
0000 1011b (0BH)
3
1
1 to
40 MHz
4 KByte Sector-
Erase3
Erase 4 KByte of
memory array
0010 0000b (20H)
3
0
0
32 KByte Block-
Erase4
Erase 32 KByte block
of memory array
0101 0010b (52H)
3
0
0
Chip-Erase
Erase Full Memory Array 0110 0000b (60H)
or
1100 0111b (C7H)
00
0
Byte-Program
To Program One Data Byte 0000 0010b (02H)
3
0
1
AAI-Word-Pro-
gram5
Auto Address Increment
Programming
1010 1101b (ADH)
3
0
2 to
RDSR6
Read-Status-Register
0000 0101b (05H)
0
0
1 to
EWSR7
Enable-Write-Status-
Register
0110 0000b (50H)
0
0
0
WRSR
Write-Status-Register
0000 0001b (01H)
0
0
1
WREN7
Write-Enable
0000 0110b (06H)
0
0
0
WRDI
Write-Disable
0000 0100b (04H)
0
0
0
RDID8
Read-ID
1001 0000b (90H)
or
1010 1011b (ABH)
30
1 to
EBSY
Enable SO to output RY/
BY# status during AAI
programming
0111 0000b (70H)
0
0
0
DBSY
Disable SO to output RY/
BY# status during AAI
programming
1000 0000b (80H)
0
0
0
JEDEC-ID
JEDEC ID read
1001 1111b (9FH)
0
0
3 to
EHLD
Enable HOLD# pin func-
tionality of the RST#/
HOLD# pin
1010 1010b (AAH)
0
0
0
T9.0
20005016



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com