Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST25WF010 Datasheet(PDF) 6 Page - Microchip Technology

Part # SST25WF010
Description  512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit 1.8V SPI Serial Flash
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST25WF010 Datasheet(HTML) 6 Page - Microchip Technology

Back Button SST25WF010 Datasheet HTML 2Page - Microchip Technology SST25WF010 Datasheet HTML 3Page - Microchip Technology SST25WF010 Datasheet HTML 4Page - Microchip Technology SST25WF010 Datasheet HTML 5Page - Microchip Technology SST25WF010 Datasheet HTML 6Page - Microchip Technology SST25WF010 Datasheet HTML 7Page - Microchip Technology SST25WF010 Datasheet HTML 8Page - Microchip Technology SST25WF010 Datasheet HTML 9Page - Microchip Technology SST25WF010 Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 36 page
background image
©2014 Silicon Storage Technology, Inc.
DS20005016C
11/14
6
512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit 1.8V SPI Serial Flash
SST25WF512 / SST25WF010 / SST25WF020 / SST25WF040
EOL Data Sheet
Reset/Hold Mode
The RST#/HOLD# pin provides either a hardware reset or a hold pin. From power-on, the RST#/
HOLD# pin defaults as a hardware reset pin (RST#). The Hold mode for this pin is a user selected
option where an Enable-Hold instruction enables the Hold mode. Once selected as a hold pin
(HOLD#), the RST#/HOLD# pin will be configured as a HOLD# pin, and goes back to RST# pin only
after a power-off and power-on sequence.
Reset
If the RST#/HOLD# pin is used as a reset pin, RST# pin provides a hardware method for resetting the
device. Driving the RST# pin high puts the device in normal operating mode. The RST# pin must be
driven low for a minimum of TRST time to reset the device. The SO pin is in high impedance state while
the device is in reset. A successful reset will reset the status register to its power-up state. See Table 4
for default power-up modes. A device reset during an active Program or Erase operation aborts the
operation and data of the targeted address range may be corrupted or lost due to the aborted erase or
program operation. The device exits AAI Programming Mode in progress and places the SO pin in high
impedance state.
Figure 4: Reset Timing Diagram
Table 2: Reset Timing Parameters
Symbol
Parameter
Min
Max
Units
TRST
Reset Pulse Width
100
ns
TRHZ
Reset to High-Z Output
107
ns
TRECR
Reset Recovery from Read
100
ns
TRECP
Reset Recovery from Program
10
µs
TRECE
Reset Recovery from Erase
1
ms
T2.20005016
1328 Fx4.0
CE#
SO
SI
SCK
RST#
TRECR
TRECP
TRECE
TRST
TRHZ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com