Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLUENRG-MSCSP Datasheet(PDF) 13 Page - STMicroelectronics

Part # BLUENRG-MSCSP
Description  Upgradable Bluetooth Low Energy network processor
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BLUENRG-MSCSP Datasheet(HTML) 13 Page - STMicroelectronics

Back Button BLUENRG-MSCSP Datasheet HTML 9Page - STMicroelectronics BLUENRG-MSCSP Datasheet HTML 10Page - STMicroelectronics BLUENRG-MSCSP Datasheet HTML 11Page - STMicroelectronics BLUENRG-MSCSP Datasheet HTML 12Page - STMicroelectronics BLUENRG-MSCSP Datasheet HTML 13Page - STMicroelectronics BLUENRG-MSCSP Datasheet HTML 14Page - STMicroelectronics BLUENRG-MSCSP Datasheet HTML 15Page - STMicroelectronics BLUENRG-MSCSP Datasheet HTML 16Page - STMicroelectronics BLUENRG-MSCSP Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 42 page
background image
BlueNRG-MS
Application circuits
Figure 8: BlueNRG-MS application circuit: non active DC-DC converter WLCSP package
Table 3: External component list
Component
Description
C1
Decoupling capacitor
C2
DC-DC converter output capacitor
C3
DC-DC converter output capacitor
C4
Decoupling capacitor for 1.2 V digital regulator
C5
Decoupling capacitor for 1.2 V digital regulator
C6
Decoupling capacitor
C7
32 kHz crystal loading capacitor (1)
C8
32 kHz crystal loading capacitor (1)
C9
RF balun/matching network capacitor High Performance
RF balun/matching network capacitor Standard mode
C10
RF balun/matching network capacitor High Performance
RF balun/matching network capacitor Standard mode
C11
RF balun/matching network capacitor High Performance
RF balun/matching network capacitor Standard mode
C12
Decoupling capacitor
C13
Decoupling capacitor
C14
RF balun/matching network capacitor High Performance
RF balun/matching network capacitor Standard mode
C15
RF balun/matching network capacitor High Performance
RF balun/matching network capacitor Standard mode
DocID027103 Rev 6
13/42



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com