Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLUENRG-MSCSP Datasheet(PDF) 40 Page - STMicroelectronics

Part # BLUENRG-MSCSP
Description  Upgradable Bluetooth Low Energy network processor
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BLUENRG-MSCSP Datasheet(HTML) 40 Page - STMicroelectronics

Back Button BLUENRG-MSCSP Datasheet HTML 34Page - STMicroelectronics BLUENRG-MSCSP Datasheet HTML 35Page - STMicroelectronics BLUENRG-MSCSP Datasheet HTML 36Page - STMicroelectronics BLUENRG-MSCSP Datasheet HTML 37Page - STMicroelectronics BLUENRG-MSCSP Datasheet HTML 38Page - STMicroelectronics BLUENRG-MSCSP Datasheet HTML 39Page - STMicroelectronics BLUENRG-MSCSP Datasheet HTML 40Page - STMicroelectronics BLUENRG-MSCSP Datasheet HTML 41Page - STMicroelectronics BLUENRG-MSCSP Datasheet HTML 42Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 40 / 42 page
background image
PCB assembly guidelines
BlueNRG-MS
12
PCB assembly guidelines
For Flip Chip mounting on the PCB, STMicroelectronics recommends the use of a solder
stencil aperture of 330 x 330 µm maximum and a typical stencil thickness of 125 µm.
Flip Chips are fully compatible with the use of near eutectic 95.8% Sn, 3.5% Ag, 0.7% Cu
solder paste with no-clean flux. ST's recommendations for Flip Chip board mounting are
illustrated on the soldering reflow profile shown in Figure 17.
Figure 18: Flip Chip CSP (2.66 x 2.56 x 0.5 pitch 0.4 mm) package reflow profile
recommendation
Table 22: Flip Chip CSP (2.66 x 2.56 x 0.5 pitch 0.4 mm) package reflow profile
recommendation
Profile
Value
Typ.
Max.
Temp. gradient in preheat (T = 70 – 180 °C)
0.9 °C/s
3 °C/s
Temp. gradient (T = 200 – 225 °C)
2 °C/s
3 °C/s
Peak temp. in reflow
240 - 245 °C
260 °C
Time above 220 °C
60 s
90 s
Temp. gradient in cooling
-2 to - 3 °C/s
-6 °C/s
Time from 50 to 220 °C
160 to 220 s
Dwell time in the soldering zone (with temperature higher than 220 °C) has to be kept as
short as possible to prevent component and substrate damage. Peak temperature must not
exceed 260 °C. Controlled atmosphere (N 2or N 2H 2) is recommended during the whole
reflow, especially above 150 °C.
Flip Chips are able to withstand three times the previous recommended reflow profile to be
compatible with a double reflow when SMDs are mounted on both sides of the PCB plus
one additional repair.
A maximum of three soldering reflows are allowed for these lead-free packages (with repair
step included).
The use of a no-clean paste is highly recommended to avoid any cleaning operation. To
prevent any bump cracks, ultrasonic cleaning methods are not recommended.
40/42
DocID027103 Rev 6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com