Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLUENRG-MSCSP Datasheet(PDF) 19 Page - STMicroelectronics

Part # BLUENRG-MSCSP
Description  Upgradable Bluetooth Low Energy network processor
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BLUENRG-MSCSP Datasheet(HTML) 19 Page - STMicroelectronics

Back Button BLUENRG-MSCSP Datasheet HTML 15Page - STMicroelectronics BLUENRG-MSCSP Datasheet HTML 16Page - STMicroelectronics BLUENRG-MSCSP Datasheet HTML 17Page - STMicroelectronics BLUENRG-MSCSP Datasheet HTML 18Page - STMicroelectronics BLUENRG-MSCSP Datasheet HTML 19Page - STMicroelectronics BLUENRG-MSCSP Datasheet HTML 20Page - STMicroelectronics BLUENRG-MSCSP Datasheet HTML 21Page - STMicroelectronics BLUENRG-MSCSP Datasheet HTML 22Page - STMicroelectronics BLUENRG-MSCSP Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 42 page
background image
BlueNRG-MS
Operating modes
6
Operating modes
Several operating modes are defined for the BlueNRG-MS:
•
Reset mode
•
Sleep mode
•
Standby mode
•
Active mode
•
Radio mode
−
Receive Radio mode
−
Transmit Radio mode
In Reset mode, the BlueNRG-MS is in ultra-low power consumption: all voltage regulators,
clocks and the RF interface are not powered. The BlueNRG-MS enters Reset mode by
asserting the external reset signal. As soon as it is de-asserted, the device follows the
normal activation sequence to transit to Active mode.
In Sleep mode either the low speed crystal oscillator or the low speed ring oscillator are
running, whereas the high speed oscillators are powered down as well as the RF interface.
The state of the BlueNRG-MS is retained and the content of the RAM is preserved.
Depending on the application, part of the RAM (RAM2 block) can be switched off during
sleep to save more power (refer to stack mode 1, described in UM1868).
While in Sleep mode, the BlueNRG-MS waits until an internal timer expires and then it
goes into Active mode. The transition from Sleep mode to Active mode can also be
activated through the SPI interface.
Standby mode and Sleep mode are equivalent but the low speed frequency oscillators are
powered down. In Standby mode the BlueNRG-MS can be activated through the SPI
interface.
In Active mode the BlueNRG-MS is fully operational: all interfaces, including SPI and RF,
are active as well as all internal power supplies together with the high speed frequency
oscillator. The MCU core is also running.
Radio mode differs from Active mode as also the RF transceiver is active and it is capable
of either transmitting or receiving.
Figure 12 reports the simplified state machine:
DocID027103 Rev 6
19/42



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com