Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLUENRG-MSCSP Datasheet(PDF) 17 Page - STMicroelectronics

Part # BLUENRG-MSCSP
Description  Upgradable Bluetooth Low Energy network processor
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BLUENRG-MSCSP Datasheet(HTML) 17 Page - STMicroelectronics

Back Button BLUENRG-MSCSP Datasheet HTML 13Page - STMicroelectronics BLUENRG-MSCSP Datasheet HTML 14Page - STMicroelectronics BLUENRG-MSCSP Datasheet HTML 15Page - STMicroelectronics BLUENRG-MSCSP Datasheet HTML 16Page - STMicroelectronics BLUENRG-MSCSP Datasheet HTML 17Page - STMicroelectronics BLUENRG-MSCSP Datasheet HTML 18Page - STMicroelectronics BLUENRG-MSCSP Datasheet HTML 19Page - STMicroelectronics BLUENRG-MSCSP Datasheet HTML 20Page - STMicroelectronics BLUENRG-MSCSP Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 42 page
background image
BlueNRG-MS
Block diagram and descriptions
Figure 11: Power management strategy using step-down DC-DC converter
5.3
Clock management
The BlueNRG-MS integrates two low-speed frequency oscillators (LSOSC) and two High
speed (16 MHz or 32 MHz) frequency oscillators (HSOSC).
The low frequency clock is used in Low Power mode and can be supplied either by a 32.7
kHz oscillator that uses an external crystal and guarantee up to ±50 ppm frequency
tolerance, or by a ring oscillator with maximum ±500 ppm frequency tolerance, which does
not require any external components.
The primary high frequency clock is a 16 MHz or 32 MHz crystal oscillator. There is also a
fast-starting 12 MHz ring oscillator that provides the clock while the crystal oscillator is
starting up. Frequency tolerance of high speed crystal oscillator is ±50 ppm.
The usage of the 16 MHz (or 32 MHz) crystal is strictly necessary.
5.4
Bluetooth low energy radio
The BlueNRG-MS integrates a RF transceiver compliant to the Bluetooth specification and
to the standard national regulations in the unlicensed 2.4 GHz ISM band.
The RF transceiver requires very few external discrete components. It provides 96 dB link
budgets with excellent link reliability, keeping the maximum peak current below 15 mA.
In Transmit mode, the power amplifier (PA) drives the signal generated by the frequency
synthesizer out to the antenna terminal through a very simple external network. The power
delivered as well as the harmonic content depends on the external impedance seen by the
PA.
DocID027103 Rev 6
17/42



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com