Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLUENRG-MSCSP Datasheet(PDF) 30 Page - STMicroelectronics

Part # BLUENRG-MSCSP
Description  Upgradable Bluetooth Low Energy network processor
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BLUENRG-MSCSP Datasheet(HTML) 30 Page - STMicroelectronics

Back Button BLUENRG-MSCSP Datasheet HTML 26Page - STMicroelectronics BLUENRG-MSCSP Datasheet HTML 27Page - STMicroelectronics BLUENRG-MSCSP Datasheet HTML 28Page - STMicroelectronics BLUENRG-MSCSP Datasheet HTML 29Page - STMicroelectronics BLUENRG-MSCSP Datasheet HTML 30Page - STMicroelectronics BLUENRG-MSCSP Datasheet HTML 31Page - STMicroelectronics BLUENRG-MSCSP Datasheet HTML 32Page - STMicroelectronics BLUENRG-MSCSP Datasheet HTML 33Page - STMicroelectronics BLUENRG-MSCSP Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 42 page
background image
Electrical specification
BlueNRG-MS
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
C/I
Image±1
MHz
Adjacent (±1 MHz)
Interference to in-band
image frequency
-1MHz
-3MHz
Wanted signal = -67 dBm,
BER
≤ 0.1%
5
-25
dBc
Out of Band Blocking (Interfering signal CW)
C/I Block
Interfering signal frequency
30 MHz – 2000 MHz
Wanted signal = -67 dBm,
BER
≤ 0.1%, Measurement
resolution 10 MHz
-
-30
dBm
C/I Block
Interfering signal frequency
2003 MHz – 2399 MHz
Wanted signal = -67 dBm,
BER
≤ 0.1%, Measurement
resolution 3 MHz
-35
dBm
C/I Block
Interfering signal frequency
2484 MHz – 2997 MHz
Wanted signal = -67 dBm,
BER
≤ 0.1%, measurement
resolution 3 MHz
-
-35
dBm
C/I Block
Interfering signal frequency
3000 MHz – 12.75 GHz
Wanted signal = -67 dBm,
BER
≤ 0.1%, measurement
resolution 25 MHz
-30
dBm
Intermodulation characteristics (CW signal at f 1, BLE interfering signal at f 2)
P_IM(3)
Input power of IM interferes
at 3 and 6 MHz distance
from wanted signal
Wanted signal = -64 dBm,
BER
≤ 0.1%
-
-33
dBm
P_IM(-3)
Input power of IM interferes
at -3 and -6 MHz distance
from wanted signal
Wanted signal = -64 dBm,
BER
≤ 0.1%
-43
dBm
P_IM(4)
Input power of IM interferes
at ±4 and ±8 MHz distance
from wanted signal
Wanted signal = -64 dBm,
BER
≤ 0.1%
-33
dBm
P_IM(5)
Input power of IM interferes
at ±5 and ±10 MHz distance
from wanted signal
Wanted signal = -64 dBm,
BER
≤ 0.1%
-33
dBm
10.5
High speed crystal oscillator (HSXOSC) characteristics
Characteristics measured over recommended operating conditions unless otherwise
specified. Typical value are referred to T A= 25 °C, V BAT= 3.0 V.
Table 13: High speed crystal oscillator characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
f NOM
Nominal
frequency
16/32
MHz
f TOL
Frequency
tolerance
Includes initial accuracy, stability over temperature,
aging and frequency pulling due to incorrect load
capacitance.
±50
ppm
ESR
Equivalent series
resistance
100
Ω
P D
Drive level
100
µW
30/42
DocID027103 Rev 6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com