Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLUENRG-MSCSP Datasheet(PDF) 32 Page - STMicroelectronics

Part # BLUENRG-MSCSP
Description  Upgradable Bluetooth Low Energy network processor
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BLUENRG-MSCSP Datasheet(HTML) 32 Page - STMicroelectronics

Back Button BLUENRG-MSCSP Datasheet HTML 28Page - STMicroelectronics BLUENRG-MSCSP Datasheet HTML 29Page - STMicroelectronics BLUENRG-MSCSP Datasheet HTML 30Page - STMicroelectronics BLUENRG-MSCSP Datasheet HTML 31Page - STMicroelectronics BLUENRG-MSCSP Datasheet HTML 32Page - STMicroelectronics BLUENRG-MSCSP Datasheet HTML 33Page - STMicroelectronics BLUENRG-MSCSP Datasheet HTML 34Page - STMicroelectronics BLUENRG-MSCSP Datasheet HTML 35Page - STMicroelectronics BLUENRG-MSCSP Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 42 page
background image
Electrical specification
BlueNRG-MS
10.6
Low speed crystal oscillator (LSXOSC) characteristics
Characteristics measured over recommended operating conditions unless otherwise
specified. Typical value are referred to T A= 25 °C, V BAT=3.0 V.
Table 14: Low speed crystal oscillator characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
f NOM
Nominal
frequency
32.768
kHz
f TOL
Frequency
tolerance
Includes initial accuracy, stability over
temperature, aging and frequency
pulling due to incorrect load capacitance.
±50
ppm
ESR
Equivalent
series resistance
90
kΩ
P D
Drive level
0.1
µW
These values are the correct ones for NX3215SA-32.768 kHz-EXS00A-MU00003.
10.7
High speed ring oscillator (HSROSC) characteristics
Characteristics measured over recommended operating conditions unless otherwise
specified. Typical value are referred to T A= 25 °C, V BAT=3.0 V, QFN32 package version.
Table 15: High speed ring oscillator characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
f NOM
Nominal frequency
12
16
MHz
10.8
Low speed ring oscillator (LSROSC) characteristics
Characteristics measured over recommended operating conditions unless otherwise
specified. Typical value are referred to T A= 25 °C, V BAT=3.0 V, QFN32 package version.
Table 16: Low speed ring oscillator characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
32 kHz ring oscillator (LSROSC)
f NOM
Nominal frequency
37.4
kHz
f TOL
Frequency tolerance
±500
ppm
10.9
N-fractional frequency synthesizer characteristics
Characteristics measured over recommended operating conditions unless otherwise
specified. Typical value are referred to T A= 25 °C, V BAT=3.0 V, f c= 2440 MHz.
32/42
DocID027103 Rev 6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com