Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLUENRG-MSCSP Datasheet(PDF) 29 Page - STMicroelectronics

Part # BLUENRG-MSCSP
Description  Upgradable Bluetooth Low Energy network processor
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BLUENRG-MSCSP Datasheet(HTML) 29 Page - STMicroelectronics

Back Button BLUENRG-MSCSP Datasheet HTML 25Page - STMicroelectronics BLUENRG-MSCSP Datasheet HTML 26Page - STMicroelectronics BLUENRG-MSCSP Datasheet HTML 27Page - STMicroelectronics BLUENRG-MSCSP Datasheet HTML 28Page - STMicroelectronics BLUENRG-MSCSP Datasheet HTML 29Page - STMicroelectronics BLUENRG-MSCSP Datasheet HTML 30Page - STMicroelectronics BLUENRG-MSCSP Datasheet HTML 31Page - STMicroelectronics BLUENRG-MSCSP Datasheet HTML 32Page - STMicroelectronics BLUENRG-MSCSP Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 42 page
background image
BlueNRG-MS
Electrical specification
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Freqdrift
Frequency drift
During the packet
±50
kHz
IFreqdrift
Initial carrier
frequency drift
±20
kHz
DriftRatemax
Maximum drift rate
400
Hz/µs
ZLOAD
Optimum differential
load
Standard mode @ 2440 MHz
25.9 +
j44.4
Ω
High power mode @ 2440
MHz
25.4 +
j20.8
10.4
RF receiver characteristics
Characteristics measured over recommended operating conditions unless otherwise
specified. Typical value are referred to T A= 25 °C, V BAT=3.0 V. All performance data are
referred to a 50 W antenna connector, via reference design, QFN32 package version.
Table 12: RF receiver characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
RX SENS
Sensitivity
BER <0.1%
-
-88
dBm
P SAT
Saturation
Standard mode
High power mode
BER <0.1%
8
11
dBm
z IN
Input differential impedance
Standard mode @ 2440 MHz
High power mode @ 2440
MHz
31.4 - j26.6
28.8 - j18.5
Ω
RF selectivity with BLE equal modulation on interfering signal
C/I CO-
channel
Co-channel interference
Wanted signal = -67 dBm,
BER
≤ 0.1%
-
9
dBc
C/I 1 MHz
Adjacent (+1 MHz)
Interference
Wanted signal = -67 dBm,
BER
≤ 0.1%
2
dBc
C/I 2 MHz
Adjacent (+2 MHz)
Interference
Wanted signal = -67 dBm,
BER
≤ 0.1%
-34
dBc
C/I 3 MHz
Adjacent (+3 MHz)
Interference
Wanted signal = -67 dBm,
BER
≤ 0.1%
-40
dBc
C/I ≥4 MHz
Adjacent (≥±4 MHz)
Interference
Wanted signal = -67 dBm,
BER
≤ 0.1%
-34
dBc
C/I ≥6 MHz
Adjacent (≥±6 MHz
Interference
Wanted signal = -67 dBm
BER
≤ 0.1%
-45
dBc
C/I ≥25 MHz
Adjacent (≥±25 MHz)
Interference
Wanted signal = -67 dBm,
BER
≤ 0.1%
-64
dBc
C/I Image
Image frequency
Interference
-2MHz
Wanted signal = -67 dBm,
BER
≤ 0.1%
-20
dBc
DocID027103 Rev 6
29/42



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com