Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLUENRG-MSCSP Datasheet(PDF) 33 Page - STMicroelectronics

Part # BLUENRG-MSCSP
Description  Upgradable Bluetooth Low Energy network processor
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BLUENRG-MSCSP Datasheet(HTML) 33 Page - STMicroelectronics

Back Button BLUENRG-MSCSP Datasheet HTML 29Page - STMicroelectronics BLUENRG-MSCSP Datasheet HTML 30Page - STMicroelectronics BLUENRG-MSCSP Datasheet HTML 31Page - STMicroelectronics BLUENRG-MSCSP Datasheet HTML 32Page - STMicroelectronics BLUENRG-MSCSP Datasheet HTML 33Page - STMicroelectronics BLUENRG-MSCSP Datasheet HTML 34Page - STMicroelectronics BLUENRG-MSCSP Datasheet HTML 35Page - STMicroelectronics BLUENRG-MSCSP Datasheet HTML 36Page - STMicroelectronics BLUENRG-MSCSP Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 42 page
background image
BlueNRG-MS
Electrical specification
Table 17: N-fractional frequency synthesizer characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
PN SYNTH
RF carrier phase
noise
At ±1 MHz offset from carrier
-113
dBc/Hz
At ±3 MHz offset from carrier
-119
dBc/Hz
LOCK TIME
PLL lock time
40
µs
TO TIME
PLL turn on / hop
time
Including calibration
150
µs
10.10
Auxiliary blocks characteristics
Characteristics measured over recommended operating conditions unless otherwise
specified. Typical value are referred to T A= 25 °C, V BAT=3.0 V, f c= 2440 MHz. QFN32
package version.
Table 18: Auxiliary blocks characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Battery indicator and brown-out reset (BOR) (1)
V BLT1
Battery level thresholds 1
2.7
V
V BLT2
Battery level thresholds 2
2.5
V
V BLT3
Battery level thresholds 3
2.3
V
V BLT4
Battery level thresholds 4
2.1
V
A BLT
Battery level thresholds accuracy
5
%
V ABOR
Ascending brown-out threshold
1.79
V
V DBOR
Descending brown-out threshold
1.73
V
Notes:
(1)BOR is disabled by default and it can be enabled by software.
10.11
SPI characteristics
Table 19: SPI characteristics
Symbol
Parameter
Min
Typ
Max
Unit
f CLK
1/t (CLK)
SPI clock frequency
8
MHz
DuCy (CLK)
SPI clock duty cycle
50
%
t s(CS)
CS setup time
40
ns
t lh(CS)
CS low hold time
40
t hh(CS)
CS high hold time
10t (CLK)
t s(SI)
MOSI setup time
20
t h(SI)
MOSI hold time
10
t v(SO)
MISO valid time
40
DocID027103 Rev 6
33/42



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com