Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLUENRG-MSCSP Datasheet(PDF) 27 Page - STMicroelectronics

Part # BLUENRG-MSCSP
Description  Upgradable Bluetooth Low Energy network processor
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BLUENRG-MSCSP Datasheet(HTML) 27 Page - STMicroelectronics

Back Button BLUENRG-MSCSP Datasheet HTML 23Page - STMicroelectronics BLUENRG-MSCSP Datasheet HTML 24Page - STMicroelectronics BLUENRG-MSCSP Datasheet HTML 25Page - STMicroelectronics BLUENRG-MSCSP Datasheet HTML 26Page - STMicroelectronics BLUENRG-MSCSP Datasheet HTML 27Page - STMicroelectronics BLUENRG-MSCSP Datasheet HTML 28Page - STMicroelectronics BLUENRG-MSCSP Datasheet HTML 29Page - STMicroelectronics BLUENRG-MSCSP Datasheet HTML 30Page - STMicroelectronics BLUENRG-MSCSP Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 42 page
background image
BlueNRG-MS
Electrical specification
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
-14 dBm
12
Digital I/O
CIN
Port I/O
capacitance
1.29
1.38
1.67
pF
TRISE
Rise time
0.1*VDD to
0.9*VDD, CL=50pF
5
19
ns
TFALL
Fall time
0.9*VDD to
0.1*VDD, CL=50pF
6
22
ns
T(RST)L
Hold time for
reset
1.5
ms
TC
VBAT range
3
3.3
3.6
V
TC1
VBAT range
2.25
2.5
2.75
V
TC2
VBAT range
1.7
1.8
1.98
V
VIL
Input low voltage
VBAT range: TC
VBAT range: TC1
VBAT range: TC2
-0.3
0.8
V
-0.3
0.7
-0.3
0.63
VIH
Input high voltage
VBAT range: TC
2
3.6
V
VBAT range: TC1
1.7
3.6
VBAT range: TC2
1.17
3.6
VOL
Output low
voltage
VBAT range: TC
0.4
V
VBAT range: TC1
0.7
VBAT range: TC2
0.45
VOH
Output high
voltage
VBAT range: TC
2.4
V
VBAT range: TC1
1.7
VBAT range: TC2
1.35
IOL
Low level output
current @VOL
(max)
VBAT range: TC
3.4
5.6
7.9
mA
VBAT range: TC1
3.8
6.6
10.1
VBAT range: TC2
1.6
3
5
IOH
High level output
current @VOH
(min)
VBAT range: TC
5.5
10.6
17.6
mA
VBATrange: TC1
3.7
7.2
12
VBAT range: TC2
1.4
3
5.6
DocID027103 Rev 6
27/42



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com